Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AVC2T45 Datasheet (PDF) - Texas Instruments

SN74AVC2T45 Datasheet PDF - Texas Instruments
Part # SN74AVC2T45
Download  SN74AVC2T45 Download
File Size   1075.28 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AVC2T45-Q1 Automotive Dual-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-state Outputs

SN74AVC2T45 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AVC2T45 Datasheet PDF - Texas Instruments

Part # SN74AVC2T45
Download  SN74AVC2T45 Click to download

File Size   1075.28 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AVC2T45-Q1 Automotive Dual-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-state Outputs

SN74AVC2T45 Datasheet (HTML) - Texas Instruments


SN74AVC2T45 Product details

1 Features
• Qualified for automotive applications
• Control inputs VIH/VIL levels are referenced to
VCCA voltage
• Fully configurable dual-rail design allows each port
to operate over the full 1.2V to 3.6V power-supply
range
• Operating temperature from -40°C to 105°C
• I/Os are 4.6V tolerant
• Ioff supports partial-power-down mode operation
• Maximum data rates
– 500Mbps (1.8V to 3.3V translation)
– 320Mbps (< 1.8V to 3.3V translation)
– 320Mbps (translate to 2.5V or 1.8V)
– 280Mbps (translate to 1.5V)
– 240Mbps (translate to 1.2V)
• Latch-up performance exceeds 100mA per JESD
78, Class II
• ESD protection exceeds JESD 22
– 8000V human-body model (A114-A)
– 200V machine model (A115-A)
– 1000V charged-device model (C101)

2 Applications
• Smartphones
• Servers
• Desktop PCs and notebooks
• Other portable devices

3 Description
This dual-bit noninverting bus transceiver uses two
separate configurable power-supply rails. The A port
is designed to track VCCA. VCCA accepts any supply
voltage from 1.2V to 3.6V. The B port is designed
to track VCCB. VCCB accepts any supply voltage from
1.2V to 3.6V. This allows for universal low-voltage
bidirectional translation between any of the 1.2V, 1.5V,
1.8V, 2.5V, and 3.3V voltage nodes.
The SN74AVC2T45 is designed for asynchronous
communication between two data buses. The logic
levels of the direction-control (DIR) input activate
either the B-port outputs or the A-port outputs. The
device transmits data from the A bus to the B bus
when the B-port outputs are activated and from the
B bus to the A bus when the A-port outputs are
activated. The input circuitry on both A and B ports
always is active and must have a logic HIGH or LOW
level applied to prevent excess ICC and ICCZ.
The SN74AVC2T45 is designed so that the DIR input
is powered by VCCA.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables
the outputs, preventing damaging current backflow
through the device when powered down.
The VCC isolation feature makes sure that if either
VCC input is at GND, both ports are in the highimpedance
state.




Similar Part No. - SN74AVC2T45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC2T45 TI-SN74AVC2T45 Datasheet
376Kb / 21P
DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45 Datasheet
386Kb / 20P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45 Datasheet
522Kb / 23P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45 Datasheet
634Kb / 24P
DUAL-BIT DUALSUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45 Datasheet
1Mb / 37P
SN74AVC2T45 2-Bit, Dual Supply, Bus Transceiver with Configurable Level-Shifting and Translation
OCTOBER 2024
More results


Similar Description - SN74AVC2T45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2T45 TI-SN74LVC2T45_07 Datasheet
491Kb / 23P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245 TI-SN74AVC2T245 Datasheet
395Kb / 14P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_08 Datasheet
628Kb / 26P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245 TI-SN74AVC2T245_10 Datasheet
496Kb / 15P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45-Q1 TI1-SN74AVC2T45-Q1 Datasheet
665Kb / 21P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45-Q1 TI1-SN74LVC2T45-Q1 Datasheet
662Kb / 23P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com