Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F280041CPMS Datasheet (PDF) - Texas Instruments

F280041CPMS Datasheet PDF - Texas Instruments
Part # F280041CPMS
Download  F280041CPMS Download
File Size   7181.64 Kbytes
Page   271 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMS320F28004x Real-Time Microcontrollers

F280041CPMS Datasheet (PDF)

Go To PDF Page Download Datasheet
F280041CPMS Datasheet PDF - Texas Instruments

Part # F280041CPMS
Download  F280041CPMS Click to download

File Size   7181.64 Kbytes
Page   271 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMS320F28004x Real-Time Microcontrollers

F280041CPMS Datasheet (HTML) - Texas Instruments


F280041CPMS Product details

1 Features
• TMS320C28x 32-bit CPU
– 100 MHz
– IEEE 754 single-precision Floating-Point Unit
(FPU)
– Trigonometric Math Unit (TMU)
• 3×-cycle to 4×-cycle improvement for
common trigonometric functions versus
software libraries
• 13-cycle Park transform
– Viterbi/Complex Math Unit (VCU-I)
– Ten hardware breakpoints (with ERAD)
• Programmable Control Law Accelerator (CLA)
– 100 MHz
– IEEE 754 single-precision floating-point
instructions
– Executes code independently of main CPU
• On-chip memory
– 256KB (128KW) of flash (ECC-protected)
across two independent banks
– 100KB (50KW) of RAM (ECC-protected or
parity-protected)
– Dual-zone security supporting third-party
development
– Unique Identification (UID) number
• Clock and system control
– Two internal zero-pin 10-MHz oscillators
– On-chip crystal oscillator and external clock
input
– Windowed watchdog timer module
– Missing clock detection circuitry
• 1.2-V core, 3.3-V I/O design
– Internal VREG or DC-DC for 1.2-V generation
allows for single-supply designs
– Brownout reset (BOR) circuit
• System peripherals
– 6-channel Direct Memory Access (DMA)
controller
– 40 individually programmable multiplexed
General-Purpose Input/Output (GPIO) pins
– 21 digital inputs on analog pins
– Enhanced Peripheral Interrupt Expansion
(ePIE) module
– Multiple low-power mode (LPM) support with
external wakeup
– Embedded Real-time Analysis and Diagnostic
(ERAD)
• Communications peripherals
– One Power-Management Bus (PMBus)
interface
– One Inter-integrated Circuit (I2C) interface
(pin-bootable)
– Two Controller Area Network (CAN) bus ports
(pin-bootable)
– Two Serial Peripheral Interface (SPI) ports
(pin-bootable)
– Two UART-Compatible Serial Communication
Interfaces (SCIs) (pin-bootable)
– One UART-Compatible Local Interconnect
Network (LIN)
– One Fast Serial Interface (FSI) with a
transmitter and receiver
• Analog system
– Three 3.45-MSPS, 12-bit Analog-to-Digital
Converters (ADCs)
• Up to 21 external channels
• Four integrated post-processing blocks
(PPBs) per ADC
– Seven windowed comparators (CMPSS) with
12-bit reference Digital-to-Analog Converters
(DACs)
• Digital glitch filters
– Two 12-bit buffered DAC outputs
– Seven Programmable Gain Amplifiers (PGAs)
• Programmable gain settings: 3, 6, 12, 24
• Programmable output filtering
• Enhanced control peripherals
– 16 ePWM channels with high-resolution
capability (150-ps resolution)
• Integrated dead-band support with high
resolution
• Integrated hardware trip zones (TZs)
– Seven Enhanced Capture (eCAP) modules
• High-resolution Capture (HRCAP) available
on two modules
– Two Enhanced Quadrature Encoder Pulse
(eQEP) modules with support for CW/CCW
operation modes
– Four Sigma-Delta Filter Module (SDFM) input
channels (two parallel filters per channel)
• Standard SDFM data filtering
• Comparator filter for fast action for
overvalue or undervalue condition
• Configurable Logic Block (CLB)
– Augments existing peripheral capability
– Supports position manager solutions
• InstaSPIN-FOC™
– Sensorless field-oriented control (FOC) with
FAST™ software encoder
– Library in on-chip ROM memory
• Functional Safety-Compliant
– Developed for functional safety applications
– Documentation available to aid ISO 26262 and
IEC 61508 system design
– Systematic capability up to ASIL D and SIL 3
– Hardware integrity up to ASIL B
• Safety-related certification
– ISO 26262 certification up to ASIL B by TÜV
SÜD
• Package options:
– 100-pin Low-profile Quad Flatpack (LQFP)
[PZ suffix]
– 64-pin LQFP [PM suffix]
– 56-pin Very Thin Quad Flatpack No-lead
(VQFN) [RSH suffix]
• Temperature options:
– S: –40°C to 125°C junction
– Q: –40°C to 125°C free-air
(AEC Q100 qualification for automotive
applications)

2 Applications
• Medium/short range radar
• Air conditioner outdoor unit
• Door operator drive control
• Automated sorting equipment
• CNC control
• Textile machine
• Welding machine
• AC charging (pile) station
• DC charging (pile) station
• EV charging station power module
• Wireless vehicle charging module
• Energy storage power conversion system (PCS)
• Central inverter
• Solar power optimizer
• String inverter
• DC/DC converter
• Inverter & motor control
• On-board (OBC) & wireless charger
• AC drive control module
• AC drive power stage module
• Linear motor power stage
• Servo drive control module
• AC-input BLDC motor drive
• DC-input BLDC motor drive
• Industrial AC-DC
• Three phase UPS
• Merchant network & server PSU
• Merchant telecom rectifiers

3 Description
C2000™ 32-bit microcontrollers are optimized for processing, sensing, and actuation to improve closed-loop
performance in real-time control applications such as industrial motor drives; solar inverters and digital power;
electrical vehicles and transportation; motor control; and sensing and signal processing.
The TMS320F28004x (F28004x) is a powerful 32-bit floating-point microcontroller unit (MCU) that lets designers
incorporate crucial control peripherals, differentiated analog, and nonvolatile memory on a single device.
The real-time control subsystem is based on TI’s 32-bit C28x CPU, which provides 100 MHz of signal processing
performance. The C28x CPU is further boosted by the new TMU extended instruction set, which enables
fast execution of algorithms with trigonometric operations commonly found in transforms and torque loop
calculations; and the VCU-I extended instruction set, which reduces the latency for complex math operations
commonly found in encoded applications.
The CLA allows significant offloading of common tasks from the main C28x CPU. The CLA is an independent
32-bit floating-point math accelerator that executes in parallel with the CPU. Additionally, the CLA has its own
dedicated memory resources and it can directly access the key peripherals that are required in a typical control
system. Support of a subset of ANSI C is standard, as are key features like hardware breakpoints and hardware
task-switching.
The F28004x supports up to 256KB (128KW) of flash memory divided into two 128KB (64KW) banks, which
enables programming and execution in parallel. Up to 100KB (50KW) of on-chip SRAM is also available in
blocks of 4KB (2KW) and 16KB (8KW) for efficient system partitioning. Flash ECC, SRAM ECC/parity, and
dual-zone security are also supported.
High-performance analog blocks are integrated on the F28004x MCU to further enable system consolidation.
Three separate 12-bit ADCs provide precise and efficient management of multiple analog signals, which
ultimately boosts system throughput. Seven PGAs on the analog front end enable on-chip voltage scaling before
conversion. Seven analog comparator modules provide continuous monitoring of input voltage levels for trip
conditions.
The TMS320C2000™ microcontrollers contain industry-leading control peripherals with frequency-independent
ePWM/HRPWM and eCAP allow for a best-in-class level of control to the system. The built-in 4-channel SDFM
allows for seamless integration of an oversampling sigma-delta modulator across an isolation barrier.
Connectivity is supported through various industry-standard communication ports (such as SPI, SCI, I2C, LIN,
and CAN) and offers multiple muxing options for optimal signal placement in a variety of applications. New to the
C2000 platform is the fully compliant PMBus. Additionally, in an industry first, the FSI enables high-speed, robust
communication to complement the rich set of peripherals that are embedded in the device.
A specially enabled device variant, TMS320F28004xC, allows access to the Configurable Logic Block (CLB)
for additional interfacing features and allows access to the secure ROM, which includes a library to enable
InstaSPIN-FOC™. See Device Comparison for more information.
The Embedded Real-Time Analysis and Diagnostic (ERAD) module enhances the debug and system analysis
capabilities of the device by providing additional hardware breakpoints and counters for profiling.
Want to learn more about features that make C2000 Real-Time MCUs the right choice for your real-time control
system? Check out The Essential Guide for Developing With C2000™ Real-Time Microcontrollers and visit the
C2000™ real-time control MCUs page.
The Getting Started With C2000™ Real-Time Control Microcontrollers (MCUs) Getting Started Guide covers all
aspects of development with C2000 devices from hardware to support resources. In addition to key reference
documents, each section provides relevant links and resources to further expand on the information covered.
Ready to get started? Check out the TMDSCNCD280049C or the LAUNCHXL-F280049C evaluation boards and
download C2000Ware.




Similar Part No. - F280041CPMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F280041CPMS TI1-F280041CPMS Datasheet
2Mb / 217P
Piccolo Microcontrollers
F280041CPMS TI1-F280041CPMS Datasheet
2Mb / 217P
Piccolo Microcontrollers
F280041CPMS TI1-F280041CPMS Datasheet
2Mb / 218P
Piccolo Microcontrollers
F280041CPMS TI1-F280041CPMS Datasheet
3Mb / 224P
Piccolo Microcontrollers
F280041CPMS TI1-F280041CPMS Datasheet
3Mb / 224P
Piccolo Microcontrollers
More results


Similar Description - F280041CPMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F280049 TI-TMS320F280049_V02 Datasheet
4Mb / 231P
TMS320F28004x Microcontrollers
TMS320F280025 TI-TMS320F280025_V02 Datasheet
5Mb / 198P
TMS320F28002x Real-Time Microcontrollers
TMS320F280049 TI-TMS320F280049_V03 Datasheet
6Mb / 230P
TMS320F28004x Microcontrollers
TMS320F280039C TI-TMS320F280039C_V02 Datasheet
5Mb / 250P
TMS320F28003x Real-Time Microcontrollers
MARCH 2022
TMS320F280039C TI-TMS320F280039C_V05 Datasheet
6Mb / 255P
TMS320F28003x Real-Time Microcontrollers
REVISED MARCH 2022
TMS320F2800137 TI-TMS320F2800137_V02 Datasheet
4Mb / 209P
TMS320F280013x Real-Time Microcontrollers
REVISED MARCH 2023
TMS320F280039C TI-TMS320F280039C_V06 Datasheet
5Mb / 254P
TMS320F28003x Real-Time Microcontrollers
REVISED NOVEMBER 2022
TMS320F2800157-Q1 TI-TMS320F2800157-Q1_V01 Datasheet
5Mb / 232P
TMS320F280015x Real-Time Microcontrollers
REVISED JULY 2023
TMS320F2800137 TI-TMS320F2800137_V07 Datasheet
4Mb / 209P
TMS320F280013x Real-Time Microcontrollers
REVISED MARCH 2023
TMS320F2800137 TI-TMS320F2800137_V08 Datasheet
5Mb / 219P
TMS320F280013x Real-Time Microcontrollers
REVISED NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com