Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSM11 Datasheet (PDF) - Mersen

FSM11 Datasheet PDF - Mersen
Part # FSM11
Download  FSM11 Download
File Size   106.52 Kbytes
Page   1 Pages
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen
Description Multi-Meter Fuse

FSM11 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSM11 Datasheet PDF - Mersen

Part # FSM11
Download  FSM11 Click to download

File Size   106.52 Kbytes
Page   1 Pages
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen
Description Multi-Meter Fuse

FSM11 Datasheet (HTML) - Mersen


FSM11 Product details

FEATURES/BENEFITS :
• For the protection of multi-meters
• 1000V AC/DC for full range protection
• 100% Current rated for continuous current with
L/R = 10mS carrying capability
• Glass melamine body and plated terminals provide superior
reliability and performance




Similar Part No. - FSM11

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
FSM11 DGNJDZ-FSM11 Datasheet
106Kb / 2P
For Surface Mount Application
logo
Tyco Electronics
FSM11J MACOM-FSM11J Datasheet
292Kb / 8P
Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM11J MACOM-FSM11J Datasheet
292Kb / 8P
Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM11JA MACOM-FSM11JA Datasheet
292Kb / 8P
Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM11JA MACOM-FSM11JA Datasheet
292Kb / 8P
Tactile Switches, .138 [3.5] x .236 [6], Through Hole
More results


Similar Description - FSM11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL-25 ETC2-SL-25 Datasheet
160Kb / 1P
Sound Meter
logo
STMicroelectronics
UM0402 STMICROELECTRONICS-UM0402 Datasheet
593Kb / 35P
Single-phase multi-tariff energy meter
17-Apr-2007
logo
Keysight Technologies
34411A KEYSIGHT-34411A Datasheet
160Kb / 6P
Agilent MULTI Meter
U1401B KEYSIGHT-U1401B Datasheet
720Kb / 10P
Multi-function Calibrator/Meter
logo
PHOENIX CONTACT
2900796 PHOENIX-2900796 Datasheet
54Kb / 2P
Fuse - THERMAL FUSE TF104
logo
Schneider Electric
A9MEM3275 SCHNEIDER-A9MEM3275 Datasheet
135Kb / 3P
iEM3275 energy meter - CT - LON - 1 digital I - multi-tariff - MID
A9MEM3455 SCHNEIDER-A9MEM3455 Datasheet
129Kb / 3P
iEM3455 energy meter - Modbus - 1 DI - 1 DO - multi-tariff - LVCT
A9MEM3465 SCHNEIDER-A9MEM3465 Datasheet
129Kb / 3P
iEM3465 energy meter - BACnet - 1 DI - 1 DO - multi-tariff - LVCT
logo
M-System Co.,Ltd.
51U MSYSTEM-51U Datasheet
299Kb / 16P
Panel Mounted Multi Power Meter 51-UNIT
logo
NHP Electrical Engineer...
NEMO96HD NHP-NEMO96HD Datasheet
934Kb / 4P
NEMO HD MULTI-FUNCTION METER BASE
25 March 2023,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com