Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTR-B4 Datasheet (PDF) - FCL COMPONENTS LIMITED

FTR-B4 Datasheet PDF - FCL COMPONENTS LIMITED
Part # FTR-B4
Download  FTR-B4 Download
File Size   428.05 Kbytes
Page   9 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description ULTRA MINITURE RELAY 2 POLE - 2A (SLIM PROFILE SIGNAL RELAY)

FTR-B4 Datasheet (PDF)

Go To PDF Page Download Datasheet
FTR-B4 Datasheet PDF - FCL COMPONENTS LIMITED

Part # FTR-B4
Download  FTR-B4 Click to download

File Size   428.05 Kbytes
Page   9 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description ULTRA MINITURE RELAY 2 POLE - 2A (SLIM PROFILE SIGNAL RELAY)

FTR-B4 Datasheet (HTML) - FCL COMPONENTS LIMITED


FTR-B4 Product details

FEATURES
APPLICATIONS
• DPDT 2c
• Ultra miniature slim type relay for surface mounting
- Height: 9.3mm maximum (THT), 10mm maximum (SMT)
- Weight: Approximately1.0 g
• UL, CSA recognized
• Conforms to Telcordia/FCC Part 68 spacing and high breakdown voltage
- Creepage: 1.6mm
- Dielectric strength: 1,500V (coil to contacts)
- Surge strength: 2,500V
• High reliable bifurcated gold overlay silver contact
• Low power consumption: 140mW (standard), 100mW (latching)
• RoHS compliant
• Plastic sealed
xDSL, modems, digital equipment (signal switching), STB (line switchig), car navigation system (audio switching)




Similar Part No. - FTR-B4

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
FTR-B4 FUJITSU-FTR-B4 Datasheet
1Mb / 10P
ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
FTR-B4CA003Z FUJITSU-FTR-B4CA003Z Datasheet
1Mb / 10P
ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
FTR-B4CA003Z-B05 FUJITSU-FTR-B4CA003Z-B05 Datasheet
1,008Kb / 9P
ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
FTR-B4CA006Z FUJITSU-FTR-B4CA006Z Datasheet
1Mb / 10P
ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
More results


Similar Description - FTR-B4

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC458 PICKER-PC458 Datasheet
187Kb / 2P
Ultra Slim Inline Relay
PC457 PICKER-PC457 Datasheet
208Kb / 2P
Ultra Slim Inline Relay
logo
fujitsu semiconductor
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
FTR-B3 FUJITSU-FTR-B3_09 Datasheet
1Mb / 13P
ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
FTR-B4 FUJITSU-FTR-B4_09 Datasheet
1Mb / 10P
ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
logo
Picker Components
PC457 PICKER-PC457_14 Datasheet
161Kb / 2P
Ultra Slim Inline Relay
PC458 PICKER-PC458_14 Datasheet
183Kb / 2P
Ultra Slim Inline Relay
PC457 PICKER-PC457_17 Datasheet
790Kb / 2P
Ultra Slim Inline Relay
PC458 PICKER-PC458_17 Datasheet
183Kb / 2P
Ultra Slim Inline Relay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com