Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTR-C2 Datasheet (PDF) - FCL COMPONENTS LIMITED

FTR-C2 Datasheet PDF - FCL COMPONENTS LIMITED
Part # FTR-C2
Download  FTR-C2 Download
File Size   486.35 Kbytes
Page   8 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description SIGNAL RELAY 2 POLES - 2A HIGH ISOLATION WIDE CONTACT GAP

FTR-C2 Datasheet (PDF)

Go To PDF Page Download Datasheet
FTR-C2 Datasheet PDF - FCL COMPONENTS LIMITED

Part # FTR-C2
Download  FTR-C2 Click to download

File Size   486.35 Kbytes
Page   8 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description SIGNAL RELAY 2 POLES - 2A HIGH ISOLATION WIDE CONTACT GAP

FTR-C2 Datasheet (HTML) - FCL COMPONENTS LIMITED


FTR-C2 Product details

FEATURES
APPLICATIONS
DPDT 2A
Contact gap: More than 2.0mm
Conforms to IEC60950 / EN60950 / UL1950 / CSA C22.2 No.950 Working
voltage 250V
Insulation:
Clearance 2.0mm (between open contacts, coil and contacts, contact sets)
Creepage 2.5mm (between open contacts, coil and contacts, contact sets)
High reliability bifurcated contacts
Power consumption 300mW
Latching types available
RoHS compliant
Plastic sealed
VoIP, modems, STB, interlock switches etc.




Similar Part No. - FTR-C2

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
ULTRA MINIATURE RELAY SIGNAL RELAY
FTR-C2 FUJITSU-FTR-C2 Datasheet
840Kb / 8P
SIGNAL RELAY 2 POLES - 2A High Isolation Wide Contact Gap 2.0mm Contact Gap
FTR-C2CA003GB05 FUJITSU-FTR-C2CA003GB05 Datasheet
539Kb / 8P
ULTRA MINIATURE RELAY SIGNAL RELAY
FTR-C2CA005GB05 FUJITSU-FTR-C2CA005GB05 Datasheet
539Kb / 8P
ULTRA MINIATURE RELAY SIGNAL RELAY
FTR-C2CA012G FUJITSU-FTR-C2CA012G Datasheet
840Kb / 8P
SIGNAL RELAY 2 POLES - 2A High Isolation Wide Contact Gap 2.0mm Contact Gap
More results


Similar Description - FTR-C2

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-B3 FUJITSU-FTR-B3_09 Datasheet
1Mb / 13P
ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
FTR-B4 FUJITSU-FTR-B4_09 Datasheet
1Mb / 10P
ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
FTR-C1 FUJITSU-FTR-C1 Datasheet
357Kb / 9P
POWER RELAY 2 POLES-2A High Insulation/wide Gap
FTR-C2 FUJITSU-FTR-C2_10 Datasheet
840Kb / 8P
SIGNAL RELAY 2 POLES - 2A High Isolation Wide Contact Gap 2.0mm Contact Gap
FTR-F4G FUJITSU-FTR-F4G Datasheet
321Kb / 6P
POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-K2W FUJITSU-FTR-K2W Datasheet
727Kb / 6P
POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
UR1L-D12W-K FUJITSU-UR1L-D12W-K Datasheet
136Kb / 7P
MINIATURE RELAY 2 POLES (HIGH FREQUENCY SIGNAL SWITCHING)
FTR-F4G FUJITSU-FTR-F4G_11 Datasheet
333Kb / 7P
POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-K2W FUJITSU-FTR-K2W_12 Datasheet
170Kb / 8P
POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
RY FUJITSU-RY Datasheet
450Kb / 10P
2 POLES - 1 to 2A (for signal switching)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com