Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTR-F1 Datasheet (PDF) - FCL COMPONENTS LIMITED

FTR-F1 Datasheet PDF - FCL COMPONENTS LIMITED
Part # FTR-F1
Download  FTR-F1 Download
File Size   1697.3 Kbytes
Page   7 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description POWER RELAY 2 POLES - 5A Low Profile Type

FTR-F1 Datasheet (PDF)

Go To PDF Page Download Datasheet
FTR-F1 Datasheet PDF - FCL COMPONENTS LIMITED

Part # FTR-F1
Download  FTR-F1 Click to download

File Size   1697.3 Kbytes
Page   7 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description POWER RELAY 2 POLES - 5A Low Profile Type

FTR-F1 Datasheet (HTML) - FCL COMPONENTS LIMITED


FTR-F1 Product details

FEATURES
Low profile (height: 16.5mm)
DPST/DPDT 5A
High insulation
due to its reinforced insulation construction)
Insulation Distance (between coil and contacts): 8mm min.
Dielectric strength : 5,000 VAC
Surge strength : 10,000 V
Pin configuration compatible to VB
UL, CSA, VDE, CQC recognized
RoHS compliant (Please see page 6 for more information)




Similar Part No. - FTR-F1

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-F1 FUJITSU-FTR-F1 Datasheet
729Kb / 8P
POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-F1 FUJITSU-FTR-F1 Datasheet
726Kb / 9P
POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
FTR-F1AA003T FUJITSU-FTR-F1AA003T Datasheet
729Kb / 8P
POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-F1AA003T FUJITSU-FTR-F1AA003T Datasheet
726Kb / 9P
POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
FTR-F1AA003T-RG FUJITSU-FTR-F1AA003T-RG Datasheet
726Kb / 9P
POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
More results


Similar Description - FTR-F1

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-F1 FUJITSU-FTR-F1 Datasheet
729Kb / 8P
POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-B3 FUJITSU-FTR-B3_09 Datasheet
1Mb / 13P
ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
FTR-F1 FUJITSU-FTR-F1_07 Datasheet
726Kb / 9P
POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
POWER RELAY 2 POLES - 8A Polarized Latching Relay
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F4 FUJITSU-FTR-F4_07 Datasheet
665Kb / 6P
POWER RELAY 2 POLE 5A/TV-3 RATED COMPACT TYPE
FTR-F4G FUJITSU-FTR-F4G Datasheet
321Kb / 6P
POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-F4G FUJITSU-FTR-F4G_11 Datasheet
333Kb / 7P
POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F4 FUJITSU-FTR-F4_V01 Datasheet
248Kb / 7P
POWER RELAY 2 POLE 5A / TV-3 Rated Compact Type Relay
28th, 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com