Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTR-F2 Datasheet (PDF) - FCL COMPONENTS LIMITED

FTR-F2 Datasheet PDF - FCL COMPONENTS LIMITED
Part # FTR-F2
Download  FTR-F2 Download
File Size   1304.36 Kbytes
Page   7 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description POWER RELAY 1 POLE – 5A Relay Type

FTR-F2 Datasheet (PDF)

Go To PDF Page Download Datasheet
FTR-F2 Datasheet PDF - FCL COMPONENTS LIMITED

Part # FTR-F2
Download  FTR-F2 Click to download

File Size   1304.36 Kbytes
Page   7 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description POWER RELAY 1 POLE – 5A Relay Type

FTR-F2 Datasheet (HTML) - FCL COMPONENTS LIMITED


FTR-F2 Product details

FEATURES
 High density mounting
Saves space by 26% compared to FTR-H1 type.
 High insulation
Insulation distance between coil and contacts: 6mm
Dielectric Strength: 4KV
Surge Strength: 10KV
 Flux proof type, RTII
 Flammability 94V-0
 Cadmium free contact for eco-program
 SAFETY STANDARDS
UL, CSA, VDE, CQC approved
UL/CSA TV-5 rating approved
 RoHS Compliant




Similar Part No. - FTR-F2

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
FTR-F2AA005T FUJITSU-FTR-F2AA005T Datasheet
607Kb / 8P
POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
FTR-F2AA006T FUJITSU-FTR-F2AA006T Datasheet
607Kb / 8P
POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
FTR-F2AA009T FUJITSU-FTR-F2AA009T Datasheet
607Kb / 8P
POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
FTR-F2AA012T FUJITSU-FTR-F2AA012T Datasheet
607Kb / 8P
POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
More results


Similar Description - FTR-F2

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-K1KW FUJITSU-FTR-K1KW Datasheet
939Kb / 8P
POWER RELAY 1 POLE - 16A Sealed Type
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
POWER RELAY 1 POLE - 5A SLIM POWER RELAY
FTR-K3L FUJITSU-FTR-K3L Datasheet
234Kb / 7P
POWER RELAY 1 POLE - 25A Latching Relay
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
POWER RELAY 1 POLE - 25A - Latching relay
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
POWER RELAY 1 POLE - 5A/10A Medium Load Control
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F4 FUJITSU-FTR-F4_V01 Datasheet
248Kb / 7P
POWER RELAY 2 POLE 5A / TV-3 Rated Compact Type Relay
28th, 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com