Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4938ED Datasheet (PDF) - STMicroelectronics

L4938ED Datasheet PDF - STMicroelectronics
Part # L4938ED
Download  L4938ED Download
File Size   275.45 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Advanced voltage regulator

L4938ED Datasheet (PDF)

Go To PDF Page Download Datasheet
L4938ED Datasheet PDF - STMicroelectronics

Part # L4938ED
Download  L4938ED Click to download

File Size   275.45 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Advanced voltage regulator

L4938ED Datasheet (HTML) - STMicroelectronics


L4938ED Product details

Features
■ Enable and sense inputs (EN, SI) protected
against negative transients down to -5 V
■ Reset threshold adjustable from 3.8 V to 4.7 V
■ Extremely low quiescent current, 65 μA (less
than 90 μA) in standby mode
■ Operating DC supply voltage range 5 V - 28 V
■ Operating transient supply voltage up to 40 V
■ High precision standby output voltage 5 V ± 1%
with 100 mA current capability
■ Output 2 voltage 5 V ± 2% with 400 mA current
capability (ADJ wired to VOUT2)
■ Output 2 voltage adjustable by external voltage
divider
■ Output 2 disable function for standby mode




Similar Part No. - L4938ED

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4938ED STMICROELECTRONICS-L4938ED Datasheet
101Kb / 12P
ADVANCED VOLTAGE REGULATOR
Feb-1999
L4938ED STMICROELECTRONICS-L4938ED Datasheet
276Kb / 20P
Advanced voltage regulator
20-Sep-2013
L4938ED-E STMICROELECTRONICS-L4938ED-E Datasheet
1Mb / 22P
for car body applications
Oct-2013
More results


Similar Description - L4938ED

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4936E STMICROELECTRONICS-L4936E Datasheet
96Kb / 11P
ADVANCED VOLTAGE REGULATOR
Jun-2000
L4938E STMICROELECTRONICS-L4938E Datasheet
101Kb / 12P
ADVANCED VOLTAGE REGULATOR
Feb-1999
logo
Semtech Corporation
MP60G SEMTECH-MP60G Datasheet
25Kb / 4P
VOLTAGE REGULATOR MODULE FOR INTEL ADVANCED PROCESSORS
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
VOLTAGE REGULATOR
logo
ADDtek Corp
A705 ADDTEK-A705 Datasheet
164Kb / 7P
200mA ~ 300mA ADVANCED CURRENT REGULATOR
AUGUST 2007
A708 ADDTEK-A708 Datasheet
177Kb / 8P
3 CHANNELS 20mA ADVANCED CURRENT REGULATOR
AUGUST 2007
AMC7135 ADDTEK-AMC7135 Datasheet
249Kb / 6P
350mA ADVANCED CURRENT REGULATOR
APRIL 2007
logo
Seaward Electronics Inc...
SE9135 SEAWARD-SE9135 Datasheet
186Kb / 4P
350mA Advanced Current Regulator
logo
STMicroelectronics
L4938EP STMICROELECTRONICS-L4938EP Datasheet
276Kb / 20P
Advanced voltage regulator
20-Sep-2013
logo
Renesas Technology Corp
X80070 RENESAS-X80070 Datasheet
624Kb / 14P
Hot Swap Controller with Advanced Fault Protection and Voltage Regulator Output
March 15, 2005
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com