Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5150BN Datasheet (PDF) - STMicroelectronics

L5150BN Datasheet PDF - STMicroelectronics
Part # L5150BN
Download  L5150BN Download
File Size   549.96 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 5 V low dropout voltage regulator

L5150BN Datasheet (PDF)

Go To PDF Page Download Datasheet
L5150BN Datasheet PDF - STMicroelectronics

Part # L5150BN
Download  L5150BN Click to download

File Size   549.96 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 5 V low dropout voltage regulator

L5150BN Datasheet (HTML) - STMicroelectronics


L5150BN Product details

Features
 AEC-Q100 qualified
 Operating DC supply voltage range
5.6 V to 40 V
 Low dropout voltage
 Low quiescent current
 Precision output voltage 5 V ±2%
 Very wide stability range with low value output
capacitor
 Thermal shutdown and short-circuit protection
 Wide temperature range (Tj = -40 °C to 150 °C)




Similar Part No. - L5150BN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5150BN STMICROELECTRONICS-L5150BN Datasheet
457Kb / 20P
Low quiescent current
03-Jun-2015
L5150BNTR STMICROELECTRONICS-L5150BNTR Datasheet
500Kb / 20P
5 V low dropout voltage regulator
07-Feb-2012
L5150BNTR STMICROELECTRONICS-L5150BNTR Datasheet
1Mb / 22P
for car body applications
Oct-2013
More results


Similar Description - L5150BN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE4275-Q1 TI-TLE4275-Q1 Datasheet
314Kb / 12P
5-V LOW-DROPOUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4263-2ES INFINEON-TLE4263-2ES Datasheet
486Kb / 22P
5-V Low Dropout Voltage Regulator
Rev. 1.0, April 2008
TLE7270-2 INFINEON-TLE7270-2 Datasheet
477Kb / 20P
5-V Low Dropout Voltage Regulator
Rev. 1.01, July 2009
TLE7272-2 INFINEON-TLE7272-2 Datasheet
450Kb / 21P
5-V Low Dropout Voltage Regulator
Rev. 1.0, June 2009
logo
STMicroelectronics
L5150BNTR STMICROELECTRONICS-L5150BNTR Datasheet
500Kb / 20P
5 V low dropout voltage regulator
07-Feb-2012
L5150GJ STMICROELECTRONICS-L5150GJ Datasheet
554Kb / 29P
5 V low dropout voltage regulator
02-Oct-2012
logo
Texas Instruments
TLE4275QKVURQ1 TI-TLE4275QKVURQ1 Datasheet
1Mb / 22P
5-V LOW-DROPOUT VOLTAGE REGULATOR
logo
STMicroelectronics
L5150CS STMICROELECTRONICS-L5150CS Datasheet
664Kb / 34P
5 V low dropout voltage regulator
19-Sep-2013
L5150CJTR STMICROELECTRONICS-L5150CJTR Datasheet
664Kb / 34P
5 V low dropout voltage regulator
19-Sep-2013
logo
Infineon Technologies A...
TLE7274-2 INFINEON-TLE7274-2 Datasheet
1Mb / 19P
5-V Low Dropout Voltage Regulator
Rev. 1.01, 2011-11-30
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com