Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9001-TR Datasheet (PDF) - STMicroelectronics

L9001-TR Datasheet PDF - STMicroelectronics
Part # L9001-TR
Download  L9001-TR Download
File Size   624.85 Kbytes
Page   38 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive power supply IC with multiple voltage regulators

L9001-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
L9001-TR Datasheet PDF - STMicroelectronics

Part # L9001-TR
Download  L9001-TR Click to download

File Size   624.85 Kbytes
Page   38 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive power supply IC with multiple voltage regulators

L9001-TR Datasheet (HTML) - STMicroelectronics


L9001-TR Product details

Features
 AEC-Q100 qualified
 Flexible, configurable voltage regulator for
multiple power supply schemes
– First stage asynchronous switch mode
regulator (VDD1), supplying second stage
regulator (VDD2), peripherals or μC
[3.3 V/5.0 V/6.0 V/1 A]; optionally disabled
– Second regulator (VDD2), configurable as
BUCK converter or LDO regulator,
supplying peripherals, μC or μC-core [ 0.8 V
to 5.0 V/1 A BUCK and 300 mA for LDO];
optionally disabled
– A DC LDO [3.3 V/5 V/100 mA] for ADC μC
supply
 Supervision and diagnosis
– VS monitoring
– Over temperature detection
– Output supply supervision
– Output overcurrent protection
 Fail-safe functionality
– Output under or over voltage reset
generation
– Configurable Watchdog
– Over temperature shutdown
 Low power mode




Similar Part No. - L9001-TR

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
L9001 GILWAY-L9001 Datasheet
29Kb / 1P
Line Filament Lamps
More results


Similar Description - L9001-TR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
Switch Mode Power Supply with Multiple Linear Regulators
MCZ33730EK FREESCALE-MCZ33730EK Datasheet
687Kb / 28P
Switch Mode Power Supply with Multiple Linear Regulators
logo
ON Semiconductor
LV5684NPVD ONSEMI-LV5684NPVD Datasheet
364Kb / 15P
System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5685PV ONSEMI-LV5685PV Datasheet
691Kb / 29P
System Power Supply IC for Automotive Infotainment Multiple-Output Linear Voltage Regulator
June, 2014
LV5693P ONSEMI-LV5693P_14 Datasheet
412Kb / 16P
System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5694P ONSEMI-LV5694P Datasheet
357Kb / 14P
System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5695P ONSEMI-LV5695P_14 Datasheet
345Kb / 14P
System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5696P ONSEMI-LV5696P Datasheet
313Kb / 15P
System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
logo
STMicroelectronics
L9396 STMICROELECTRONICS-L9396 Datasheet
1Mb / 109P
Automotive multiple power supply IC
25-Jan-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com