Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet (PDF) - STMicroelectronics

L9026 Datasheet PDF - STMicroelectronics
Part # L9026_V01
Download  L9026 Download
File Size   6269.46 Kbytes
Page   60 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive configurable multi-channel relay driver 2HS 6HS/LS

L9026 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9026 Datasheet PDF - STMicroelectronics

Part # L9026_V01
Download  L9026 Click to download

File Size   6269.46 Kbytes
Page   60 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive configurable multi-channel relay driver 2HS 6HS/LS

L9026 Datasheet (HTML) - STMicroelectronics


L9026 Product details

Features
• AEC-Q100 qualified
• Full ISO26262 compliant, ASIL-B systems ready
• Six configurable LS/HS drivers
• Two High side drivers
• 2 parallel input pins with input mapping functionality
• Cranking capability down to VBATT = 3 V
• Digital supply voltage compatible with 3.3 V and 5 V microcontroller
• Reverse battery protection on VBATT and on drain pins without external
components
• BIM (bulb inrush mode) especially designed for drive resistive and capacitive
loads
• Limp home mode (with usage of IDLE and IN pins)
• Safety features
– Temperature sensor and monitoring
– Serial communications using address feedback, one parity bit, frame
counter and short frame detection
• SPI interface 16-bit for outputs control and for diagnosis data communication
• Package options: HTSSOP24, VFQFPN32
• Green product (RoHS compliant)




Similar Part No. - L9026_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9026-B03N-TR STMICROELECTRONICS-L9026-B03N-TR Datasheet
5Mb / 60P
Automotive configurable multi-channel relay driver 2HS 6HS/LS
Rev 5 - March 2021
L9026-YO-TR STMICROELECTRONICS-L9026-YO-TR Datasheet
5Mb / 60P
Automotive configurable multi-channel relay driver 2HS 6HS/LS
Rev 5 - March 2021
More results


Similar Description - L9026_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6460 STMICROELECTRONICS-L6460 Datasheet
3Mb / 139P
SPI configurable stepper and DC multi motor driver
02-Jul-2010
logo
Diodes Incorporated
ULN2003F12 DIODES-ULN2003F12 Datasheet
448Kb / 8P
Multi-Channel Relay and Inductive Load Sink Driver
Rev 1
logo
STMicroelectronics
L99MC6GJ STMICROELECTRONICS-L99MC6GJ Datasheet
1Mb / 55P
Automotive configurable 6-channel device
21-Nov-2016
logo
ON Semiconductor
NCV7748 ONSEMI-NCV7748 Datasheet
518Kb / 30P
Automotive LIN Low-Side Relay Driver
July, 2017 ??Rev. 1
NCV7748 ONSEMI-NCV7748_17 Datasheet
518Kb / 30P
Automotive LIN Low-Side Relay Driver
October, 2017 ??Rev. 2
logo
Diodes Incorporated
ULN2003V12 DIODES-ULN2003V12_17 Datasheet
432Kb / 8P
Multi-Channel Relay and Inductive Load Sink Driver
Rev 2
logo
Texas Instruments
DRV8904-Q1 TI1-DRV8904-Q1 Datasheet
1Mb / 96P
Automotive multi-channel half-bridge driver
logo
STMicroelectronics
EVAL-L9026-YO STMICROELECTRONICS-EVAL-L9026-YO Datasheet
3Mb / 10P
L9026 configurable multi-channel driver evaluation board
Rev 1 - August 2020
L9026 STMICROELECTRONICS-L9026 Datasheet
5Mb / 60P
Automotive configurable multi-channel relay driver 2HS 6HS/LS
Rev 5 - March 2021
L99MOD51XP STMICROELECTRONICS-L99MOD51XP Datasheet
1Mb / 33P
Multi-output driver for automotive applications
25-Oct-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com