Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300TU80T Datasheet (PDF) - STMicroelectronics

L9300TU80T Datasheet PDF - STMicroelectronics
Part # L9300TU80T
Download  L9300TU80T Download
File Size   7642.24 Kbytes
Page   178 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive flexible U-chip for braking and transmission

L9300TU80T Datasheet (PDF)

Go To PDF Page Download Datasheet
L9300TU80T Datasheet PDF - STMicroelectronics

Part # L9300TU80T
Download  L9300TU80T Click to download

File Size   7642.24 Kbytes
Page   178 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive flexible U-chip for braking and transmission

L9300TU80T Datasheet (HTML) - STMicroelectronics


L9300TU80T Product details

Features
• AEC-Q100 qualified
• Four voltage regulators
– One configurable 5 V or 6.5 V buck regulator
– One configurable 5 V linear/tracking regulator
– Two linear regulators with selectable output voltage
• Four tracking regulators/wheel speed sensor interfaces
• Six low-side/high-side current control drivers
– Integrated current sense path
– Current accuracy (in normal range)
◦ ± 8 mA in 0 to 0.5 A range
◦ ± 1% in 0.5 A to 1.5 A range
– Current accuracy (in extended range)
◦ ± 20 mA in 0 to 0.075 A range
◦ -15 / +12 mA 0.075 A to 0.3 A
◦ - 5 / +4% in 0.3 A to 0.5 A range
◦ ± 4% in 0.5 A to 2 A range
– Max driver RDSON 500 mΩ @ 175 °C
– 11-bit current set-point resolution
– Variable and fixed frequency current control algorithm
– Programmable dither function
– Selectable driver slew-rate control
• Two high-side NFET pre-drivers
• Integrated charge-pump
• CAN transceiver
• Two watchdogs types:
– Hardware watchdog
– Software Query and Answer based watchdog
• Wake-up control
• Temperature sensor and monitoring
• Dual band gap reference and oscillator
• 32-bit SPI interface
• TQFP 80 EP (14x14)




Similar Part No. - L9300TU80T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9300TU80T STMICROELECTRONICS-L9300TU80T Datasheet
2Mb / 182P
Automotive flexible U-chip for braking and transmission
15-Dec-2021
More results


Similar Description - L9300TU80T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC7218-Q1 TI1-TPIC7218-Q1 Datasheet
578Kb / 9P
Power Controller and Sensor ASIC for Braking Applications
logo
RHOPOINT COMPONENTS
BRM-10R0-10-L RHOPOINT-BRM-10R0-10-L Datasheet
175Kb / 4P
High Load and Braking Resistors
BRQ-10R0-10-L RHOPOINT-BRQ-10R0-10-L Datasheet
178Kb / 4P
High Load and Braking Resistors
logo
Japan Aviation Electron...
MX62 JAE-MX62 Datasheet
235Kb / 5P
USB3.0 High-speed Transmission Connector for Automotive
logo
Infineon Technologies A...
TLE4959CFX INFINEON-TLE4959CFX Datasheet
930Kb / 20P
TLE4959C FX Flexible Transmission SpeedSensor
Data Sheet 1.0 2018-02
logo
NXP Semiconductors
MC33SB0400SM NXP-MC33SB0400SM Datasheet
279Kb / 5P
ABS motorcycle braking chip
Rev. 2.0, 8/2016
MC33SB0401SM NXP-MC33SB0401SM Datasheet
276Kb / 5P
ABS motorcycle braking chip
Rev. 2.0, 8/2016
logo
STMicroelectronics
L9300 STMICROELECTRONICS-L9300 Datasheet
2Mb / 182P
Automotive flexible U-chip for braking and transmission
15-Dec-2021
L9369 STMICROELECTRONICS-L9369 Datasheet
291Kb / 13P
Automotive IC for a specific application of electric parking braking
11-Jan-2019
L9370 STMICROELECTRONICS-L9370 Datasheet
291Kb / 13P
Automotive IC for a specific application of electric parking braking
11-Jan-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com