Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA1U-P07M Datasheet (PDF) - IDEC Corporation

SA1U-P07M Datasheet PDF - IDEC Corporation
Part # SA1U-P07M
Download  SA1U-P07M Download
File Size   600.86 Kbytes
Page   4 Pages
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation
Description SA1U Heavy-duty Photoelectric Sensor

SA1U-P07M Datasheet (PDF)

Go To PDF Page Download Datasheet
SA1U-P07M Datasheet PDF - IDEC Corporation

Part # SA1U-P07M
Download  SA1U-P07M Click to download

File Size   600.86 Kbytes
Page   4 Pages
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation
Description SA1U Heavy-duty Photoelectric Sensor

SA1U-P07M Datasheet (HTML) - IDEC Corporation


SA1U-P07M Product details

Features
• Four sensing methods:
-Through-beam
-Polarized retro-reflective
-Diffuse
-Background suppression
• Upto 50m sensing range
• Universal voltage type: 24 to 240V AC/12 to 240V DC
• DC voltage type: 12-24V DC
• IP67
• Adjustable time delay: 0.1 to 5 seconds
• Operation and stable LED indicators
• NO/NC relay output, 3A
• Interference prevention allows two units to be mounted in close proximity (polarized retro-reflective, diffuse and background suppression)
• Spring-up terminal block structure enables easy wiring




Similar Part No. - SA1U-P07M

ManufacturerPart #DatasheetDescription
logo
Silicom Ltd.
SA1U1-X2B2-5L-R SILICOM-SA1U1-X2B2-5L-R Datasheet
318Kb / 2P
Supermicro 1U815 SETAC Solution
SA1U1-X2B2-R SILICOM-SA1U1-X2B2-R Datasheet
318Kb / 2P
Supermicro 1U813 SETAC Solution
SA1U3-A2B-R SILICOM-SA1U3-A2B-R Datasheet
318Kb / 2P
Supermicro 1U813 SETAC Solution
SA1U3-A2B-R SILICOM-SA1U3-A2B-R Datasheet
318Kb / 2P
Supermicro 1U815 SETAC Solution
More results


Similar Description - SA1U-P07M

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
59090-4-T-01-A HAMLIN-59090-4-T-01-A Datasheet
90Kb / 1P
Heavy Duty Vane Sensor Features and Benefits
logo
Extech Instruments Corp...
407026 EXTECH-407026 Datasheet
537Kb / 8P
Heavy Duty Meter
logo
List of Unclassifed Man...
BU-24APN ETC2-BU-24APN Datasheet
49Kb / 1P
Heavy Duty Clip
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
Heavy duty applications
logo
OEN India Limited
OEN53 OENINDIA-OEN53 Datasheet
529Kb / 2P
HEAVY DUTY RELAY
logo
Energizer
1151 ENERGIZER-1151 Datasheet
585Kb / 1P
Heavy Duty Flashlight
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
Heavy Duty Flashlight
1251L ENERGIZER-1251L Datasheet
228Kb / 1P
Heavy Duty Flashlight
logo
TT Electronics.
DS2531 TTELEC-DS2531 Datasheet
291Kb / 1P
Heavy Duty Sensor
logo
DANFOSS POWER SOLUTIONS
MTB3250 DANFOSS-MTB3250 Datasheet
1Mb / 6P
Heavy-duty industrial temperature sensor.
2021.02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com