Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G02 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

74LVC1G02 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # 74LVC1G02
Download  74LVC1G02 Download
File Size   1890.35 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description SINGLE 2- INPUT NOR GATE

74LVC1G02 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G02 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # 74LVC1G02
Download  74LVC1G02 Click to download

File Size   1890.35 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description SINGLE 2- INPUT NOR GATE

74LVC1G02 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


74LVC1G02 Product details

Features
* Operation Voltage Range: 1.6V ~ 5.5
* Low Power Current: lcc=10pA (Max.)
* £24mA Output Drive (Vec=3.0V)
* Power Down Protection




Similar Part No. - 74LVC1G02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G02 PHILIPS-74LVC1G02 Datasheet
85Kb / 14P
Single 2-input NOR gate
2004 Sep 07
74LVC1G02 NXP-74LVC1G02 Datasheet
87Kb / 14P
Single 2-input NOR gate
Rev. 07-18 July 2007
logo
Diodes Incorporated
74LVC1G02 DIODES-74LVC1G02 Datasheet
200Kb / 11P
SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 1 - 2
74LVC1G02 DIODES-74LVC1G02 Datasheet
245Kb / 14P
SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
logo
Nexperia B.V. All right...
74LVC1G02 NEXPERIA-74LVC1G02 Datasheet
255Kb / 16P
Single 2-input NOR gate
Rev. 15 - 8 February 2022
More results


Similar Description - 74LVC1G02

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4S01 ROHM-BU4S01 Datasheet
39Kb / 4P
Single 2-input NOR gate
logo
STMicroelectronics
74LX1G02 STMICROELECTRONICS-74LX1G02 Datasheet
200Kb / 10P
SINGLE 2-INPUT NOR GATE
Oct-2002
74V1G02 STMICROELECTRONICS-74V1G02_04 Datasheet
110Kb / 9P
SINGLE 2-INPUT NOR GATE
Apr-2004
logo
Unisonic Technologies
U74AUC1G02 UTC-U74AUC1G02_15 Datasheet
187Kb / 5P
SINGLE 2-INPUT NOR GATE
logo
ON Semiconductor
NL17SG02 ONSEMI-NL17SG02 Datasheet
93Kb / 9P
Single 2-Input NOR Gate
November, 2014 ??Rev. 6
logo
Rohm
BU4S01G2 ROHM-BU4S01G2_15 Datasheet
1Mb / 16P
Single 2-Input NOR Gate
logo
ON Semiconductor
MC74HC1G02 ONSEMI-MC74HC1G02_18 Datasheet
171Kb / 9P
Single 2-Input NOR Gate
November, 2018 ??Rev. 10
logo
Nexperia B.V. All right...
74LVC1G02-Q100 NEXPERIA-74LVC1G02-Q100 Datasheet
204Kb / 11P
Single 2-input NOR gate
logo
ON Semiconductor
MC74HC1G02 ONSEMI-MC74HC1G02_V01 Datasheet
290Kb / 10P
Single 2-Input NOR Gate
March, 2022?뭃ev. 12
MC74VHC1G02 ONSEMI-MC74VHC1G02_V01 Datasheet
183Kb / 14P
Single 2-Input NOR Gate
March, 2022 ??Rev. 22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com