Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC05CD Datasheet (PDF) - TECH PUBLIC Electronics co LTD

LC05CD Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # LC05CD
Download  LC05CD Download
File Size   1221.03 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capactionce 2-Line Uni-directional TVS Diode

LC05CD Datasheet (PDF)

Go To PDF Page Download Datasheet
LC05CD Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # LC05CD
Download  LC05CD Click to download

File Size   1221.03 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capactionce 2-Line Uni-directional TVS Diode

LC05CD Datasheet (HTML) - TECH PUBLIC Electronics co LTD


LC05CD Product details

Features
® 350 peak pulse power(8/2015) |
Ultra low leakage: nA level
Operating voltage: 5V
® Low clamping voltage
Complies with following standards:

~ IEC 61000-4-2 (ESD) immunity test :

Air discharge: £30kV

Contact discharge: +30kV

~ [EC61000-4-4 (EFT) 40A (5500s) |
~IEC61000-4-5 (Lightning) 17A (8/20us)

# RoHS Compliant




Similar Part No. - LC05CD

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LC05CD LEIDITECH-LC05CD Datasheet
145Kb / 3P
Low Capacitance TVS Diode Array
logo
UN Semiconducctor INC
LC05CDQ UNSEMI-LC05CDQ Datasheet
2Mb / 4P
Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
LC05CDQS UNSEMI-LC05CDQS Datasheet
2Mb / 4P
Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
More results


Similar Description - LC05CD

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
PESD2USB3UV-TR TECHPUBLIC-PESD2USB3UV-TR Datasheet
1Mb / 4P
Low Capactionce 2-Line Uni-directional TVS Diode
PESD8351HT1G TECHPUBLIC-PESD8351HT1G Datasheet
1,018Kb / 4P
Low Capactionce 1-Line Uni-directional ESD Diode
TPAZ1023-04F TECHPUBLIC-TPAZ1023-04F Datasheet
964Kb / 4P
Low Capactionce 4-Line Uni-directional TVS Diode
TPE05RUL TECHPUBLIC-TPE05RUL Datasheet
956Kb / 4P
Low Capactionce 1-Line Uni-directional TVS Diode
TPESD3324PA TECHPUBLIC-TPESD3324PA Datasheet
618Kb / 4P
Low Capactionce 4-Line Uni-directional TVS Diode
TPESD3394P TECHPUBLIC-TPESD3394P Datasheet
676Kb / 4P
Low Capactionce 4-Line Uni
TPESD7504MUTAG TECHPUBLIC-TPESD7504MUTAG Datasheet
622Kb / 4P
Low Capactionce 4-Line Uni-directional TVS Diode
TPESD8004MUTAG TECHPUBLIC-TPESD8004MUTAG Datasheet
620Kb / 4P
Low Capactionce 4-Line Uni-directional TVS Diode
TPPUSB3FR4 TECHPUBLIC-TPPUSB3FR4 Datasheet
616Kb / 4P
Low Capactionce 4-Line Uni-directional TVS Diode
TPSP3420-04UTG TECHPUBLIC-TPSP3420-04UTG Datasheet
637Kb / 4P
Low Capactionce 4-Line Uni-directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com