Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1101 Datasheet (PDF) - Texas Instruments

CC1101 Datasheet PDF - Texas Instruments
Part # CC1101
Download  CC1101 Download
File Size   2659.64 Kbytes
Page   112 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power Sub-1 GHz RF Transceiver

CC1101 Datasheet (PDF)

Go To PDF Page Download Datasheet
CC1101 Datasheet PDF - Texas Instruments

Part # CC1101
Download  CC1101 Click to download

File Size   2659.64 Kbytes
Page   112 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power Sub-1 GHz RF Transceiver

CC1101 Datasheet (HTML) - Texas Instruments


CC1101 Product details

Key Features
RF Performance
 High sensitivity
o -116 dBm at 0.6 kBaud, 433 MHz,
1% packet error rate
o -112 dBm at 1.2 kBaud, 868 MHz,
1% packet error rate
 Low current consumption (14.7 mA in RX,
1.2 kBaud, 868 MHz)
 Programmable output power up to +12
dBm for all supported frequencies
 Excellent receiver selectivity and blocking
performance
 Programmable data rate from 0.6 to 600
kbps
 Frequency bands: 300-348 MHz, 387-464
MHz and 779-928 MHz
Analog Features
 2-FSK, 4-FSK, GFSK, and MSK supported
as well as OOK and flexible ASK shaping
 Suitable for frequency hopping systems
due to a fast settling frequency
synthesizer; 75 μs settling time
 Automatic Frequency Compensation
(AFC) can be used to align the frequency
synthesizer to the received signal centre
frequency
 Integrated analog temperature sensor
Digital Features
 Flexible support for packet oriented
systems; On-chip support for sync word
detection, address check, flexible packet
length, and automatic CRC handling
 Efficient SPI interface; All registers can be
programmed with one “burst” transfer
 Digital RSSI output
 Programmable channel filter bandwidth
 Programmable Carrier Sense (CS)
indicator
 Programmable Preamble Quality Indicator
(PQI) for improved protection against false
sync word detection in random noise
 Support for automatic Clear Channel
Assessment (CCA) before transmitting (for
listen-before-talk systems)
 Support for per-package Link Quality
Indication (LQI)
 Optional automatic whitening and dewhitening
of data
Low-Power Features
 200 nA sleep mode current consumption
 Fast startup time; 240 μs from sleep to RX
or TX mode (measured on EM reference
design [1] and [2])
 Wake-on-radio functionality for automatic
low-power RX polling
 Separate 64-byte RX and TX data FIFOs
(enables burst mode data transmission)




Similar Part No. - CC1101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1101 TI-CC1101 Datasheet
979Kb / 94P
Low-Cost Low-Power Sub-1GHz RF Transceiver
CC1101 TI1-CC1101 Datasheet
926Kb / 94P
Low-Cost Low-Power Sub-1GHz RF Transceiver
CC1101 TI-CC1101 Datasheet
857Kb / 25P
SWRU197H?밪eptember 2010?밨evised April 2014
CC1101 TI1-CC1101 Datasheet
1Mb / 105P
Low-Power Sub-1 GHz RF Transceiver
CC1101 TI1-CC1101 Datasheet
1Mb / 94P
Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
More results


Similar Description - CC1101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1150 TI-CC1150_10 Datasheet
1Mb / 66P
Low Power Sub-1 GHz RF Transmitter
CC1100E TI-CC1100E_13 Datasheet
2Mb / 97P
Low-Power Sub-GHz RF Transceiver
CC1150 TI-CC1150_13 Datasheet
1Mb / 67P
Low Power Sub-1 GHz RF Transmitter
CC1100RTK TI1-CC1100RTK Datasheet
1Mb / 100P
Low-Power Sub- 1 GHz RF Transceiver
CC1100ERGPR TI-CC1100ERGPR Datasheet
2Mb / 97P
Low-Power Sub-GHz RF Transceiver
CC1101RGPR TI-CC1101RGPR Datasheet
2Mb / 105P
Low-Power Sub-1 GHz RF Transceiver
CC1100 TI1-CC1100_14 Datasheet
1Mb / 100P
Low-Power Sub- 1 GHz RF Transceiver
CC1100E TI1-CC1100E_14 Datasheet
1Mb / 95P
Low-Power Sub-GHz RF Transceiver
CC1101 TI1-CC1101_15 Datasheet
1Mb / 105P
Low-Power Sub-1 GHz RF Transceiver
logo
Semtech Corporation
SX1268 SEMTECH-SX1268 Datasheet
2Mb / 105P
Long Range, Low Power, sub-GHz RF Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com