Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1190RGVT Datasheet (PDF) - Texas Instruments

CC1190RGVT Datasheet PDF - Texas Instruments
Part # CC1190RGVT
Download  CC1190RGVT Download
File Size   1116.39 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 850 – 950 MHz RF Front End

CC1190RGVT Datasheet (PDF)

Go To PDF Page Download Datasheet
CC1190RGVT Datasheet PDF - Texas Instruments

Part # CC1190RGVT
Download  CC1190RGVT Click to download

File Size   1116.39 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 850 – 950 MHz RF Front End

CC1190RGVT Datasheet (HTML) - Texas Instruments


CC1190RGVT Product details

1FEATURES
• Seamless Interface to Sub-1 GHz Low Power
RF Devices from Texas Instruments
• Up to 27 dBm (0.5 W) Output Power
• 6 dB Typical Sensitivity Improvement with
CC11xx and CC430
• Few External Components
– Integrated PA
– Integrated LNA
– Integrated Switches
– Integrated Matching Network
– Integrated Inductors
• Digital Control of LNA and PA Gain by HGM
Pin
• 50-nA in Power Down (LNA_EN = PA_EN = 0)
• High Transmit Power Efficiency
– PAE = 50% at 26 dBm Output Power
• Low Receive Current Consumption
– 3 mA for High Gain Mode
– 26 μA for Low Gain Mode
• 2.9 dB LNA Noise Figure, Including Switch and
External Antenna Match
• RoHS Compliant 4-mm × 4-mm QFN-16
Package
• 2 V to 3.7 V Operation

APPLICATIONS
• 850 - 950 MHz ISM Bands Wireless Systems
• Wireless Sensor Networks
• Wireless Industrial Systems
• IEEE 802.15.4 Systems
• Wireless Consumer Systems
• Wireless Metering (AMR/AMI) Systems
• Smart Grid Wireless Networks

DESCRIPTION
CC1190 is a cost-effective and high-performance RF
Front End for low-power and low-voltage wireless
applications at 850 - 950 MHz.
CC1190 is a range extender for the sub-1 GHz
low-power RF transceivers, transmitters, and
System-on-Chip devices from Texas Instruments.
CC1190 integrates a power amplifier (PA), a
low-noise amplifier (LNA), switches, and RF matching
for the design of a high-performance wireless
systems.
CC1190 increases the link budget by providing a
power amplifier for increased output power, and an
LNA with low noise figure for improved receiver
sensitivity.
CC1190 provides an efficient and easy-to-use range
extender in a compact 4-mm × 4-mm QFN-16
package.




Similar Part No. - CC1190RGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1190RGVT TI-CC1190RGVT Datasheet
472Kb / 15P
850 - 950 MHz RF Front End
CC1190RGVT TI-CC1190RGVT Datasheet
727Kb / 17P
850 ??950 MHz RF Front End
CC1190RGVT TI2-CC1190RGVT Datasheet
1Mb / 20P
850 – 950 MHz RF Front End
REVISED FEBRUARY 2010
CC1190RGVT.B TI2-CC1190RGVT.B Datasheet
1Mb / 20P
850 – 950 MHz RF Front End
REVISED FEBRUARY 2010
More results


Similar Description - CC1190RGVT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF9010 AD-ADF9010 Datasheet
481Kb / 28P
900 MHz ISM Band Analog RF Front End
REV. 0
logo
Semtech Corporation
SX1223 SEMTECH-SX1223 Datasheet
316Kb / 25P
425 - 475 MHz / 850 - 950 MHz Integrated UHF Transmitter
logo
Texas Instruments
CC1190 TI-CC1190 Datasheet
472Kb / 15P
850 - 950 MHz RF Front End
logo
Micrel Semiconductor
MICRF221 MICREL-MICRF221 Datasheet
1Mb / 26P
3.3V, QwikRadio 850 MHz to 950 MHz Receiver
logo
Texas Instruments
CC1190 TI-CC1190_12 Datasheet
727Kb / 17P
850 ??950 MHz RF Front End
CC1190 TI-CC1190_15 Datasheet
893Kb / 18P
850 ??950 MHz RF Front End
logo
Skyworks Solutions Inc.
SKY65378 SKYWORKS-SKY65378_11 Datasheet
732Kb / 12P
860 to 930 MHz RF Front-End Module
logo
Micrel Semiconductor
MICRF221 MICREL-MICRF221_15 Datasheet
923Kb / 26P
3.3V, QwikRadio짰 850 MHz to 950 MHz Receiver
logo
Skyworks Solutions Inc.
SKY66421-11 SKYWORKS-SKY66421-11 Datasheet
634Kb / 13P
860 to 930 MHz RF Front-End Module
SKY66423-11 SKYWORKS-SKY66423-11 Datasheet
639Kb / 12P
860 to 930 MHz RF Front-End Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com