Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC8520 Datasheet (PDF) - Texas Instruments

CC8520 Datasheet PDF - Texas Instruments
Part # CC8520
Download  CC8520 Download
File Size   1095.33 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520, CC8521, CC8530 & CC8531 - PurePath™ Wireless

CC8520 Datasheet (PDF)

Go To PDF Page Download Datasheet
CC8520 Datasheet PDF - Texas Instruments

Part # CC8520
Download  CC8520 Click to download

File Size   1095.33 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520, CC8521, CC8530 & CC8531 - PurePath™ Wireless

CC8520 Datasheet (HTML) - Texas Instruments


CC8520 Product details

APPLICATIONS
- Wireless high-quality digital audio
- Wireless point-to-point audio link
- Wireless (USB) headphones / headsets
- Wireless (USB) loudspeakers
- Wireless (USB) microphones
- Wireless 2.1 speaker systems
- CC852x supports up to 2 channels
- CC853x supports up to 4 channels
- CC85x1 supports USB

FEATURES
Built-in audio protocol
- CD-quality uncompressed audio
- Excellent robustness and co-existence
through multiple techniques
- Adaptive Frequency Hopping
- Forward Error Correction
- Buffering and Retransmission
- Error Concealment
- Optional high quality audio
compression
- No software development needed when
used in autonomous mode
External system
- Can be used autonomously, or can be
controlled by an external host MCU for
greatest flexibility
- Seamless connection and control of
external audio codecs, DACs/ADCs and
digital audio amplifiers using I2S and I2C
- HID functions like power control, pairing,
volume control, audio channel selection
etc. can be mapped to I/Os
- RoHS compliant 6mm x 6mm QFN-40
package
RF section
- 5 or 2 Mbps over-the-air data rate
- Bandwidth-efficient modulation format
- Excellent link budget with programmable
output power up to +3.5 dBm and -83/-86
dBm sensitivity
- Seamless support for CC2590 range
extender (+11dBm output power, -87dBm
sensitivity)
- Suited for systems targeting compliance
with worldwide radio frequency
regulations: ETSI EN 300 328 and EN
300 440 class 2 (Europe), FCC CFR47 Part
15 (US) and ARIB STD-T66 (Japan)
Digital audio support
- Digital I2S audio interface supports 1 or 2
audio channels for the CC8520 and 1 to 4
audio channels for the CC8530 at sample
rates of 32, 40.275, 44.1 and 48 kHz, and
supports 16 and 24 bit word-widths
- USB audio support for 32, 44.1 and 48 kHz,
and supports 16 and 24 bit word-widths
- Audio latency down to 10.7 ms
- Data side-channel allows data to be sent
alongside the audio between external host
processors
USB
- Full-speed USB Audio device
- USB Basic Audio Device Class: HT1, HS1
and MT topologies (headphone, headset
and microphone)
- USB Audio Device Class.
- Basic USB HID device class support for
remote control, mouse and keyboard
functionality
- Autonomous operation only.
Development tools
- PC-based PurePath™ Wireless
Configurator for CC85xx configuration
- CC85xx Family User Guide
- CC85XXDK audio development kit
- CC85XXDK-HEADSET development kit




Similar Part No. - CC8520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC8520 TI-CC8520 Datasheet
427Kb / 17P
2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520 - PurePath??Wireless
CC8520 TI-CC8520 Datasheet
593Kb / 19P
2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520 - PurePath??Wireless
CC8520 TI-CC8520 Datasheet
654Kb / 18P
2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING
CC8520 TI2-CC8520 Datasheet
1Mb / 19P
2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520, CC8521, CC8530 & CC8531 - PurePath™ Wireless
JUNE 2012
CC8520RHAR TI-CC8520RHAR Datasheet
427Kb / 17P
2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520 - PurePath??Wireless
More results


Similar Description - CC8520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC8520 TI-CC8520 Datasheet
427Kb / 17P
2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520 - PurePath??Wireless
CC8520 TI-CC8520_1 Datasheet
593Kb / 19P
2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520 - PurePath??Wireless
CC8520 TI-CC8520_11 Datasheet
654Kb / 18P
2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING
logo
Linear Technology
LTP5900-WHM LINER-LTP5900-WHM Datasheet
423Kb / 21P
2.4 GHz 802.15.4 Wireless Mote
logo
Pulse A Technitrol Comp...
W1030 PULSE-W1030 Datasheet
1Mb / 2P
Wireless External Antenna for 2.4 GHz Applications
W1038 PULSE-W1038 Datasheet
774Kb / 2P
Wireless External Antenna for 2.4 GHz Applications
W1027 PULSE-W1027 Datasheet
213Kb / 2P
Wireless External Antenna for 2.4 GHz Applications
W1010 PULSE-W1010 Datasheet
663Kb / 2P
Wireless External Antenna for 2.4 GHz Application
W1038M PULSE-W1038M Datasheet
660Kb / 8P
Wireless External Antenna for 2.4 GHz Applications
W1038X PULSE-W1038X Datasheet
936Kb / 10P
Wireless External Antenna for 2.4 GHz Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com