Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT157 Datasheet (PDF) - Texas Instruments

CD74ACT157 Datasheet PDF - Texas Instruments
Part # CD74ACT157
Download  CD74ACT157 Download
File Size   2093.67 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CD74ACT157 Quadruple 2-Line to 1-Line Data Selector/Multiplexer

CD74ACT157 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74ACT157 Datasheet PDF - Texas Instruments

Part # CD74ACT157
Download  CD74ACT157 Click to download

File Size   2093.67 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CD74ACT157 Quadruple 2-Line to 1-Line Data Selector/Multiplexer

CD74ACT157 Datasheet (HTML) - Texas Instruments


CD74ACT157 Product details

1 Features
• Inputs are TTL-voltage compatible
• Speed of bipolar F, AS, and S, with significantly
reduced power consumption
• Balanced propagation delays
• ±24mA output drive current
– Fanout to 15F devices
• SCR-latchup-resistant CMOS process and circuit
design
• Exceeds 2kV ESD protection per MIL-STD-883,
method 3015

2 Applications
• Data selection
• Multiplexing

3 Description
This quadruple 2-line to 1-line data selector/
multiplexer is designed for 4.5V to 5.5V VCC
operation.




Similar Part No. - CD74ACT157

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT157 TI-CD74ACT157 Datasheet
181Kb / 7P
QUAD 2-INPUT MULTIPLEXERS
CD74ACT157 TI1-CD74ACT157 Datasheet
1Mb / 23P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74ACT157 TI-CD74ACT157 Datasheet
1Mb / 23P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR
CD74ACT157 TI2-CD74ACT157 Datasheet
1Mb / 21P
CD74ACT157 Quadruple 2-Line to 1-Line Data Selector/Multiplexer
REVISED AUGUST 2024
CD74ACT157E TI1-CD74ACT157E Datasheet
1Mb / 23P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results


Similar Description - CD74ACT157

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC157A TI-SN74LVC157A Datasheet
124Kb / 8P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74AC11157 TI-74AC11157 Datasheet
69Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC157A-Q1 TI-SN74LVC157A-Q1 Datasheet
181Kb / 7P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC157A-EP TI1-SN74LVC157A-EP Datasheet
423Kb / 8P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74AC158M TI1-CD74AC158M Datasheet
196Kb / 9P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74ACT157M TI1-CD74ACT157M Datasheet
1Mb / 23P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Unisonic Technologies
U74AHCT157 UTC-U74AHCT157 Datasheet
233Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
U74AHCT157 UTC-U74AHCT157_15 Datasheet
233Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR / MULTIPLEXER
logo
Texas Instruments
74AC11157 TI1-74AC11157_10 Datasheet
87Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74ACT11157 TI1-74ACT11157 Datasheet
81Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com