Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVD1204 Datasheet (PDF) - Texas Instruments

CDCLVD1204 Datasheet PDF - Texas Instruments
Part # CDCLVD1204
Download  CDCLVD1204 Download
File Size   866.49 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCLVD1204 2:4 Low Additive Jitter LVDS Buffer

CDCLVD1204 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCLVD1204 Datasheet PDF - Texas Instruments

Part # CDCLVD1204
Download  CDCLVD1204 Click to download

File Size   866.49 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCLVD1204 2:4 Low Additive Jitter LVDS Buffer

CDCLVD1204 Datasheet (HTML) - Texas Instruments


CDCLVD1204 Product details

1 Features
1• 2:4 Differential Buffer
• Low Additive Jitter: <300 fs RMS in 10-kHz to
20-MHz
• Low Output Skew of 20 ps (Maximum)
• Universal Inputs Accept LVDS, LVPECL, and
LVCMOS
• Selectable Clock Inputs Through Control Pin
• 4 LVDS Outputs, ANSI EAI/TIA-644A Standard
Compatible
• Clock Frequency: Up to 800 MHz
• Device Power Supply: 2.375 V to 2.625 V
• LVDS Reference Voltage, VAC_REF, Available for
Capacitive Coupled Inputs
• Industrial Temperature Range: –40°C to 85°C
• Packaged in 3 mm × 3 mm, 16-Pin VQFN (RGT)
• ESD Protection Exceeds 3 kV HBM, 1 kV CDM

2 Applications
• Telecommunications and Networking
• Medical Imaging
• Test and Measurement Equipment
• Wireless Communications
• General Purpose Clocking

3 Description
The CDCLVD1204 clock buffer distributes one of two
selectable clock inputs (IN0 and IN1) to 4 pairs of
differential LVDS clock outputs (OUT0 through OUT3)
with minimum skew for clock distribution. The
CDCLVD1204 can accept two clock sources into an
input multiplexer. The inputs can either be LVDS,
LVPECL, or LVCMOS.
The CDCLVD1204 is specifically designed for driving
50-Ω transmission lines. In case of driving the inputs
in single ended mode, the appropriate bias voltage,
VAC_REF, must be applied to the unused negative
input pin.
The IN_SEL pin selects the input which is routed to
the outputs. If this pin is left open, it disables the
outputs (static). The part supports a fail safe function.
The device incorporates an input hysteresis which
prevents random oscillation of the outputs in the
absence of an input signal.
The device operates in 2.5-V supply environment and
is characterized from –40°C to 85°C (ambient
temperature). The CDCLVD1204 is packaged in
small, 16-pin, 3-mm × 3-mm VQFN package.




Similar Part No. - CDCLVD1204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD1204 TI1-CDCLVD1204 Datasheet
918Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
CDCLVD1204 TI2-CDCLVD1204 Datasheet
862Kb / 26P
CDCLVD1204 2:4 Low Additive Jitter LVDS Buffer
REVISED OCTOBER 2016
CDCLVD1204RGTR TI-CDCLVD1204RGTR Datasheet
756Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
CDCLVD1204RGTR TI1-CDCLVD1204RGTR Datasheet
918Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
CDCLVD1204RGTR TI2-CDCLVD1204RGTR Datasheet
862Kb / 26P
CDCLVD1204 2:4 Low Additive Jitter LVDS Buffer
REVISED OCTOBER 2016
More results


Similar Description - CDCLVD1204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD1208 TI1-CDCLVD1208 Datasheet
786Kb / 21P
2:8 Low Additive Jitter LVDS Buffer
CDCLVD1212 TI1-CDCLVD1212 Datasheet
707Kb / 20P
2:12 Low Additive Jitter LVDS Buffer
CDCLVD1216 TI1-CDCLVD1216 Datasheet
752Kb / 20P
2:16 Low Additive Jitter LVDS Buffer
CDCLVD2102 TI1-CDCLVD2102 Datasheet
753Kb / 20P
Dual 1:2 Low Additive Jitter LVDS Buffer
1633966 TI-1633966 Datasheet
756Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
CDCLVD1204 TI1-CDCLVD1204_15 Datasheet
918Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D2106 TI-LMK1D2106 Datasheet
3Mb / 37P
LMK1D210x Low Additive Jitter LVDS Buffer
SNAS829 ??OCTOBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com