Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC27F Datasheet (PDF) - Texas Instruments

CD54HC27F Datasheet PDF - Texas Instruments
Part # CD54HC27F
Download  CD54HC27F Download
File Size   1173.42 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4HC27 Triple 3-Input NOR Gates

CD54HC27F Datasheet (PDF)

Go To PDF Page Download Datasheet
CD54HC27F Datasheet PDF - Texas Instruments

Part # CD54HC27F
Download  CD54HC27F Click to download

File Size   1173.42 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4HC27 Triple 3-Input NOR Gates

CD54HC27F Datasheet (HTML) - Texas Instruments


CD54HC27F Product details

1 Features
• Buffered inputs
• Wide operating voltage range: 2 V to 6 V
• Wide operating temperature range:
–55°C to +125°C
• Supports fanout up to 10 LSTTL loads
• Significant power reduction compared to LSTTL
logic ICs

2 Applications
• Alarm / tamper detect circuit
• S-R latch

3 Description
This device contains three independent 3-input NOR
gates. Each gate performs the Boolean function
Y = A + B + C in positive logic.




Similar Part No. - CD54HC27F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC27F TI2-CD54HC27F Datasheet
1Mb / 26P
CDx4HC27 Triple 3-Input NOR Gates
REVISED APRIL 2021
CD54HC27F3A TI-CD54HC27F3A Datasheet
265Kb / 10P
High-Speed CMOS Logic Triple 3-Input NOR Gate
CD54HC27F3A TI-CD54HC27F3A Datasheet
261Kb / 11P
High-Speed CMOS Logic Triple 3-Input NOR Gate
CD54HC27F3A TI1-CD54HC27F3A Datasheet
612Kb / 14P
High-Speed CMOS Logic Triple 3-Input NOR Gate
CD54HC27F3A TI2-CD54HC27F3A Datasheet
1Mb / 26P
CDx4HC27 Triple 3-Input NOR Gates
REVISED APRIL 2021
More results


Similar Description - CD54HC27F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS27A TI-SN54ALS27A Datasheet
96Kb / 6P
TRIPLE 3-INPUT POSITIVE-NOR GATES
SN54F27 TI-SN54F27 Datasheet
67Kb / 5P
TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Hitachi Semiconductor
HD74HC27 HITACHI-HD74HC27 Datasheet
39Kb / 7P
Triple 3-input NOR Gates
HD74LV27A HITACHI-HD74LV27A Datasheet
54Kb / 12P
Triple 3-input Positive NOR Gates
logo
National Semiconductor ...
54LS27 NSC-54LS27 Datasheet
58Kb / 2P
TRIPLE 3-INPUT NOR GATES
logo
Renesas Technology Corp
HD74LV27A RENESAS-HD74LV27A Datasheet
70Kb / 9P
Triple 3-input Positive NOR Gates
HD74HC27 RENESAS-HD74HC27 Datasheet
84Kb / 7P
Triple 3-input NOR Gates
logo
Potato Semiconductor Co...
PO74G27A POTATO-PO74G27A Datasheet
464Kb / 6P
TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Texas Instruments
SN74LS27J TI-SN74LS27J Datasheet
913Kb / 18P
TRIPLE 3-INPUT POSITVE-NOR GATES
logo
Aeroflex Circuit Techno...
UT54ACS27 AEROFLEX-UT54ACS27 Datasheet
229Kb / 9P
Triple 3-Input NOR Gates
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com