Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD86330Q3D.B Datasheet (PDF) - Texas Instruments

CSD86330Q3D.B Datasheet PDF - Texas Instruments
Part # CSD86330Q3D.B
Download  CSD86330Q3D.B Download
File Size   1197.52 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD86330Q3D Synchronous Buck NexFET™ Power Block

CSD86330Q3D.B Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD86330Q3D.B Datasheet PDF - Texas Instruments

Part # CSD86330Q3D.B
Download  CSD86330Q3D.B Click to download

File Size   1197.52 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD86330Q3D Synchronous Buck NexFET™ Power Block

CSD86330Q3D.B Datasheet (HTML) - Texas Instruments


CSD86330Q3D.B Product details

1 Features
1• Half-Bridge Power Block
• 90% System Efficiency at 15 A
• Up to 20 A Operation
• High Frequency Operation (Up To 1.5 MHz)
• High Density – SON 3.3 mm × 3.3 mm Footprint
• Optimized for 5 V Gate Drive
• Low Switching Losses
• Ultra Low Inductance Package
• RoHS Compliant
• Halogen Free
• Pb-Free Terminal Plating

2 Applications
• Synchronous Buck Converters
– High Frequency Applications
– High Current, Low Duty Cycle Applications
• Multiphase Synchronous Buck Converters
• POL DC-DC Converters
• IMVP, VRM, and VRD Applications

3 Description
The CSD86330Q3D NexFET™ power block is an
optimized design for synchronous buck applications offering high current, high efficiency, and high
frequency capability in a small 3.3 mm × 3.3 mm
outline. Optimized for 5 V gate drive applications, this
product offers a flexible solution capable of offering a high density power supply when paired with any 5 V
gate drive from an external controller/driver.




Similar Part No. - CSD86330Q3D.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD86330Q3D.B TI2-CSD86330Q3D.B Datasheet
995Kb / 23P
CSD86330Q3D Synchronous Buck NexFET™ Power Block
REVISED MAY 2015
More results


Similar Description - CSD86330Q3D.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
Synchronous Buck NexFET??Power Block
CSD86350Q5D TI-CSD86350Q5D_11 Datasheet
1Mb / 21P
Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
Synchronous Buck NexFET??Power Block
CSD87352Q5D_1111 TI-CSD87352Q5D_1111 Datasheet
1Mb / 21P
Synchronous Buck NexFET??Power Block
CSD87353Q5D TI-CSD87353Q5D Datasheet
777Kb / 21P
Synchronous Buck NexFET??Power Block
CSD87331Q3D TI1-CSD87331Q3D Datasheet
872Kb / 21P
Synchronous Buck NexFET??Power Block
CSD87351Q5D TI-CSD87351Q5D_15 Datasheet
1Mb / 22P
Synchronous Buck NexFET??Power Block
CSD87351ZQ5D TI-CSD87351ZQ5D_15 Datasheet
1Mb / 22P
Synchronous Buck NexFET??Power Block
CSD87355Q5D TI1-CSD87355Q5D Datasheet
559Kb / 23P
Synchronous Buck NexFET Power Block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com