Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8541 Datasheet (PDF) - Texas Instruments

DAC8541 Datasheet PDF - Texas Instruments
Part # DAC8541
Download  DAC8541 Download
File Size   629.74 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT, SINGLE CHANNEL, PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL-TO-RAIL VOLTAGE OUTPUT

DAC8541 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC8541 Datasheet PDF - Texas Instruments

Part # DAC8541
Download  DAC8541 Click to download

File Size   629.74 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT, SINGLE CHANNEL, PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL-TO-RAIL VOLTAGE OUTPUT

DAC8541 Datasheet (HTML) - Texas Instruments


DAC8541 Product details

FEATURES
Micropower Operation: 250 μA at 5 V AVDD
Power-On Reset to Min-Scale
16-Bit Monotonic
Settling Time: 10 μs to ±0.003% FSR
16-Bit Parallel Interface
On-Chip Output Buffer Amplifier With
Rail-to-Rail Operation
Hardware Reset to Min-Scale or Mid-Scale
Double-Buffered Architecture
Asynchronous LDAC Control
Data Readback Support
1.8 V Compatible Digital Interface:
− DVDD = 1.8 V−5.5 V
Wide Analog Supply Range:
− AVDD = 2.7 V−5.5 V
32-Lead 5 mm × 5 mm TQFP Package

APPLICATIONS
Process Control
Data Acquisition Systems
Closed-Loop Servo Control
PC Peripherals
Portable Instrumentation

DESCRIPTION
The DAC8541 is a low-power, single channel, 16-bit,
voltage output DAC. Its on-chip precision output
amplifier allows rail-to-rail voltage swing to be achieved
at the output. The DAC8541 utilizes a 16-bit parallel
interface and features additional powerdown function
pins as well as hardware-enabled, asynchronous DAC
updating and reset capability.
The DAC8541 requires an external reference voltage to
set the output range of the DAC. The device
incorporates a power-on-reset circuit that ensures that
the DAC output powers up at min-scale and remains
there until a valid write takes place to the device. In
addition, the DAC8541 contains a power-down feature,
accessed via two hardware pins, that when enabled
reduces the current consumption of the device to
200 nA at 5 V.
The low power consumption of this device in normal
operation makes it ideally suited for use in portable
battery operated equipment applications. The power
consumption is 1.2 mW at AVDD = 5 V reducing to 1 μW
in power-down mode.
The DAC8541 is available in a 32-lead TQFP package
with an operating temperature range of −40°C to 85°C.




Similar Part No. - DAC8541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8541 TI-DAC8541 Datasheet
423Kb / 21P
16-BIT SINGLE CHANNEL, PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL VOLTAGE OUTPUT
DAC8541 TI-DAC8541 Datasheet
1Mb / 26P
16-BIT,SINGLE CHANNEL,PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL-TO-RAIL VOLTAGE OUTPUT
DAC8541 TI2-DAC8541 Datasheet
626Kb / 25P
16-BIT, SINGLE CHANNEL, PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL-TO-RAIL VOLTAGE OUTPUT
DECEMBER 2001
DAC8541Y/250 TI-DAC8541Y/250 Datasheet
423Kb / 21P
16-BIT SINGLE CHANNEL, PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL VOLTAGE OUTPUT
DAC8541Y/250 TI-DAC8541Y/250 Datasheet
1Mb / 26P
16-BIT,SINGLE CHANNEL,PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL-TO-RAIL VOLTAGE OUTPUT
More results


Similar Description - DAC8541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8544 TI-DAC8544 Datasheet
476Kb / 20P
QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
DAC8531 TI-DAC8531 Datasheet
362Kb / 19P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8501 BURR-BROWN-DAC8501 Datasheet
321Kb / 16P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8541 TI-DAC8541 Datasheet
423Kb / 21P
16-BIT SINGLE CHANNEL, PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL VOLTAGE OUTPUT
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC8541 TI-DAC8541_15 Datasheet
1Mb / 26P
16-BIT,SINGLE CHANNEL,PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL-TO-RAIL VOLTAGE OUTPUT
DAC8501 TI1-DAC8501_13 Datasheet
729Kb / 22P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8531 TI1-DAC8531_14 Datasheet
1Mb / 27P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8544 TI1-DAC8544_12 Datasheet
893Kb / 23P
QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE,DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com