Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8801 Datasheet (PDF) - Texas Instruments

DAC8801 Datasheet PDF - Texas Instruments
Part # DAC8801
Download  DAC8801 Download
File Size   849.43 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 14-Bit, Serial Input Multiplying Digital-to-Analog Converter

DAC8801 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC8801 Datasheet PDF - Texas Instruments

Part # DAC8801
Download  DAC8801 Click to download

File Size   849.43 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 14-Bit, Serial Input Multiplying Digital-to-Analog Converter

DAC8801 Datasheet (HTML) - Texas Instruments


DAC8801 Product details

FEATURES
· 14-Bit Monotonic
· ±1 LSB INL
· ±0.5 LSB DNL
· Low Noise: 12 nV/ÖHz
· Low Power: I DD = 2 mA
· +2.7 V to +5.5 V Analog Power Supply
· 2 mA Full-Scale Current ±20%
with VREF = 10 V
· 0.5 μs Settling Time
· 4-Quadrant Multiplying Reference-Input
· Reference Bandwidth: 10 MHz
· ±10 V Reference Input
· Reference Dynamics: -105 THD
· 3-Wire 50-MHz Serial Interface
· Tiny 8-Lead 3 x 3 mm SON and 3 x 5 mm
MSOP Packages
· Industry-Standard Pin Configuration

APPLICATIONS
· Automatic Test Equipment
· Instrumentation
· Digitally Controlled Calibration
· Industrial Control PLCs

DESCRIPTION
The DAC8801 multiplying digital-to-analog converter
is designed to operate from a single 2.7-V to 5.5-V
supply.
The applied external reference input voltage VREF
determines the full-scale output current. An internal
feedback resistor (RFB) provides temperature
tracking for the full-scale output when combined with
an external I-to-V precision amplifier.
A serial-data interface offers high-speed, three-wire
microcontroller compatible inputs using data-in (SDI),
clock (CLK), and chip select (CS).
On power-up, the DAC register is filled with zeroes,
and the DAC output is at zero scale.
The DAC8801 is packaged in space-saving 8-lead
SON and MSOP packages.




Similar Part No. - DAC8801

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
14-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8801 TI1-DAC8801 Datasheet
991Kb / 22P
14-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8801 TI2-DAC8801 Datasheet
848Kb / 24P
14-Bit, Serial Input Multiplying Digital-to-Analog Converter
REVISED FEBRUARY 2007
logo
Burr-Brown (TI)
DAC8801IDGK BURR-BROWN-DAC8801IDGK Datasheet
384Kb / 16P
14-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8801IDGKR BURR-BROWN-DAC8801IDGKR Datasheet
384Kb / 16P
14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Similar Description - DAC8801

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
14-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803 Datasheet
261Kb / 30P
Quad, Current Output, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803_15 Datasheet
2Mb / 26P
Quad, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8801 TI1-DAC8801_16 Datasheet
991Kb / 22P
14-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com