Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC904E Datasheet (PDF) - Texas Instruments

DAC904E Datasheet PDF - Texas Instruments
Part # DAC904E
Download  DAC904E Download
File Size   566.89 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER

DAC904E Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC904E Datasheet PDF - Texas Instruments

Part # DAC904E
Download  DAC904E Click to download

File Size   566.89 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER

DAC904E Datasheet (HTML) - Texas Instruments


DAC904E Product details

FEATURES
SINGLE +5V OR +3V OPERATION
HIGH SFDR: 20MHz Output at 100MSPS: 64dBc
LOW GLITCH: 3pV-s
LOW POWER: 170mW at +5V
INTERNAL REFERENCE:
Optional Ext. Reference
Adjustable Full-Scale Range
Multiplying Option

APPLICATIONS
COMMUNICATION TRANSMIT CHANNELS
WLL, Cellular Base Station
Digital Microwave Links
Cable Modems
WAVEFORM GENERATION
Direct Digital Synthesis (DDS)
Arbitrary Waveform Generation (ARB)
MEDICAL/ULTRASOUND
HIGH-SPEED INSTRUMENTATION AND
CONTROL
VIDEO, DIGITAL TV

DESCRIPTION
The DAC904 is a high-speed, Digital-to-Analog Converter (DAC)
offering a 14-bit resolution option within the family of highperformance
converters. Featuring pin compatibility among family
members, the DAC908, DAC900, and DAC902 provide a
component selection option to an 8-, 10-, and 12-bit resolution,
respectively. All models within this family of DACs support
update rates in excess of 165MSPS with excellent dynamic
performance, and are especially suited to fulfill the demands of
a variety of applications.
The advanced segmentation architecture of the DAC904 is
optimized to provide a high Spurious-Free Dynamic Range
(SFDR) for single-tone, as well as for multi-tone signals—
essential when used for the transmit signal path of communication
systems.
The DAC904 has a high impedance (200kΩ) current output with
a nominal range of 20mA and an output compliance of up to
1.25V. The differential outputs allow for both a differential or
single-ended analog signal interface. The close matching of the
current outputs ensures superior dynamic performance in the
differential configuration, which can be implemented with a
transformer.
Utilizing a small geometry CMOS process, the monolithic DAC904
can be operated on a wide, single-supply range of +2.7V to
+5.5V. Its low power consumption allows for use in portable and
battery-operated systems. Further optimization can be realized
by lowering the output current with the adjustable full-scale
option.
For noncontinuous operation of the DAC904, a power-down
mode results in only 45mW of standby power.
The DAC904 comes with an integrated 1.24V bandgap reference
and edge-triggered input latches, offering a complete
converter solution. Both +3V and +5V CMOS logic families can
be interfaced to the DAC904.
The reference structure of the DAC904 allows for additional
flexibility by utilizing the on-chip reference, or applying an
external reference. The full-scale output current can be adjusted
over a span of 2-20mA, with one external resistor, while maintaining
the specified dynamic performance.
The DAC904 is available in SO-28 and TSSOP-28 packages.




Similar Part No. - DAC904E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC904E BURR-BROWN-DAC904E Datasheet
192Kb / 16P
14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC904E TI1-DAC904E Datasheet
789Kb / 23P
14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC904E TI2-DAC904E Datasheet
566Kb / 24P
14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
MAY 2002
DAC904E.B TI2-DAC904E.B Datasheet
566Kb / 24P
14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
MAY 2002
DAC904E/2K5 TI1-DAC904E/2K5 Datasheet
789Kb / 23P
14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC904E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC900 BURR-BROWN-DAC900 Datasheet
192Kb / 16P
10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC902 BURR-BROWN-DAC902 Datasheet
216Kb / 16P
12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC904 BURR-BROWN-DAC904 Datasheet
192Kb / 16P
14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC908 BURR-BROWN-DAC908 Datasheet
180Kb / 15P
8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC900 TI1-DAC900 Datasheet
798Kb / 24P
10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC902 TI1-DAC902 Datasheet
802Kb / 24P
12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC904 TI1-DAC904 Datasheet
789Kb / 23P
14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC908 TI1-DAC908 Datasheet
789Kb / 23P
8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
DATEL, Inc.
5962-9319801HXC-14 DATEL-5962-9319801HXC-14 Datasheet
159Kb / 1P
14-Bit 5MHz Analog To Digital Converter
5962-9319803HXC-14 DATEL-5962-9319803HXC-14 Datasheet
159Kb / 1P
14-Bit 5MHz Analog To Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com