Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9942XP1 Datasheet (PDF) - STMicroelectronics

L9942XP1 Datasheet PDF - STMicroelectronics
Part # L9942XP1
Download  L9942XP1 Download
File Size   523.51 Kbytes
Page   40 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile

L9942XP1 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9942XP1 Datasheet PDF - STMicroelectronics

Part # L9942XP1
Download  L9942XP1 Click to download

File Size   523.51 Kbytes
Page   40 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile

L9942XP1 Datasheet (HTML) - STMicroelectronics


L9942XP1 Product details

Features
■ Two full bridges for max. 1.3 A load
(RDSON = 500 m)
■ Programmable current waveform with look-up
table: 9 entries with 5 bit resolution
■ Current regulation by integrated PWM
controller and internal current sensing
■ Programmable stepping mode: full, half, mini
and microstepping
■ Programmable slew rate for EMC and power
dissipation optimization
■ Programmable Fast-, Slow-, Mixed- and Auto-
Decay Mode
■ Full-scale current programmable with 3 bit
resolution
■ Programmable stall detection
■ Step clock input for reduced μController
requirements
■ Very low current consumption in standby mode
IS < 3 μA, typ. Tj  85 °C
■ All outputs short circuit protected with
openload, overload current, temperature
warning and thermal shutdown
■ The PWM signal of the internal PWM controller
is available as digital output.
■ All parameters are guaranteed for 3 V < Vcc <
5.3 V and for 7 V < Vs < 20 V




Similar Part No. - L9942XP1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9942XP1 STMICROELECTRONICS-L9942XP1 Datasheet
524Kb / 40P
Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
19-Sep-2013
L9942XP1TR STMICROELECTRONICS-L9942XP1TR Datasheet
524Kb / 40P
Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
19-Sep-2013
More results


Similar Description - L9942XP1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9942 STMICROELECTRONICS-L9942 Datasheet
575Kb / 37P
Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
07-Nov-2005
logo
Allegro MicroSystems
A3989 ALLEGRO-A3989 Datasheet
1Mb / 12P
Bipolar Stepper and High Current DC Motor Driver
A3989_V ALLEGRO-A3989_V Datasheet
382Kb / 13P
Bipolar Stepper and High Current DC Motor Driver
logo
STMicroelectronics
EVAL6208N STMICROELECTRONICS-EVAL6208N Datasheet
469Kb / 27P
DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
Sep-2003
L9942XP1TR STMICROELECTRONICS-L9942XP1TR Datasheet
524Kb / 40P
Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
19-Sep-2013
logo
Allegro MicroSystems
A4979GLPTR-T ALLEGRO-A4979GLPTR-T Datasheet
1Mb / 44P
Microstepping Programmable Stepper Motor Driver With Stall Detect and Short Circuit Protection
logo
STMicroelectronics
AN2650 STMICROELECTRONICS-AN2650 Datasheet
691Kb / 26P
L9942 stepper motor driver for bipolar stepper motors
05-Dec-2013
AN1495 STMICROELECTRONICS-AN1495 Datasheet
714Kb / 25P
Microstepping stepper motor drive
26-Sep-2012
logo
Allegro MicroSystems
A5989 ALLEGRO-A5989 Datasheet
775Kb / 14P
Bipolar Stepper and High-Current DC Motor Driver
logo
TRINAMIC Motion Control...
TMC2226 TRINAMIC-TMC2226 Datasheet
1Mb / 83P
POWER DRIVER FOR STEPPER MOTORS INTEGRATED CIRCUITS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com