Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZ8-1CH-9D Datasheet (PDF) - American Zettler, Inc.

AZ8-1CH-9D Datasheet PDF - American Zettler, Inc.
Part # AZ8-1CH-9D
Download  AZ8-1CH-9D Download
File Size   154.09 Kbytes
Page   4 Pages
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description MINIATURE PC BOARD RELAY

AZ8-1CH-9D Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ8-1CH-9D Datasheet PDF - American Zettler, Inc.

Part # AZ8-1CH-9D
Download  AZ8-1CH-9D Click to download

File Size   154.09 Kbytes
Page   4 Pages
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description MINIATURE PC BOARD RELAY

AZ8-1CH-9D Datasheet (HTML) - American Zettler, Inc.


AZ8-1CH-9D Product details

FEATURES
• Subminiature size
• High sensitivity, 110mW pickup
• Coils to 48VDC
• Hermetically sealed version available
• Epoxy sealed for automatic wave soldering
• Withstands 4kV standard IEEE Lightning Surge
• Withstands 6kV IEEE Lightning Surge (special order)
• Class B insulation (130°C) standard
• Class F insulation (155°C) version available
• UL, CUR file E44211
• VDE approved versions available (Class A Insulation only)




Similar Part No. - AZ8-1CH-9D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ8-1CH-9D ETC1-AZ8-1CH-9D Datasheet
161Kb / 4P
MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ8-1CH-9D AZETTLER-AZ8-1CH-9D Datasheet
158Kb / 4P
MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ8-1CH-9DA ETC1-AZ8-1CH-9DA Datasheet
161Kb / 4P
MINIATURE PC BOARD RELAY
AZ8-1CH-9DE ETC1-AZ8-1CH-9DE Datasheet
161Kb / 4P
MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ8-1CH-9DE AZETTLER-AZ8-1CH-9DE Datasheet
158Kb / 4P
MINIATURE PC BOARD RELAY
More results


Similar Description - AZ8-1CH-9D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ941 ETC-AZ941 Datasheet
54Kb / 2P
MINIATURE PC BOARD RELAY
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ946 ZETTLER-AZ946 Datasheet
63Kb / 2P
MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ991 ETC2-AZ991 Datasheet
77Kb / 2P
MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
MINIATURE PC BOARD RELAY
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
MINIATURE PC BOARD RELAY
AZ946 AZETTLER-AZ946 Datasheet
95Kb / 2P
MINIATURE PC BOARD RELAY
AZ991 AZETTLER-AZ991 Datasheet
85Kb / 2P
MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
MINIATURE PC BOARD RELAY
AZ946 ZETTLER-AZ946_14 Datasheet
43Kb / 2P
MINIATURE PC BOARD RELAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com