Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTR-J2 Datasheet (PDF) - FCL COMPONENTS LIMITED

FTR-J2 Datasheet PDF - FCL COMPONENTS LIMITED
Part # FTR-J2
Download  FTR-J2 Download
File Size   540.33 Kbytes
Page   10 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description ULTRA SMALL HIGH VOLTAGE DC RELAY

FTR-J2 Datasheet (PDF)

Go To PDF Page Download Datasheet
FTR-J2 Datasheet PDF - FCL COMPONENTS LIMITED

Part # FTR-J2
Download  FTR-J2 Click to download

File Size   540.33 Kbytes
Page   10 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description ULTRA SMALL HIGH VOLTAGE DC RELAY

FTR-J2 Datasheet (HTML) - FCL COMPONENTS LIMITED


FTR-J2 Product details

FEATURES
• 10A, 450VDC high-voltage switching (2 x 10A, 200VDC switching)
• Contact voltage drop: Typical 0.1V
• Inrush current 150A (capacitive loads)
• Compact size (L x W x H = 24 x 23.5 x 27 mm)
• 1a (1 Form A) x 2
• High insulation (between contacts and coil)
- Insulation distance: Clearance/creepage ≥6mm
- Dielectric strength: 4,000VAC
- Surge strength: 10,000V (1.2 x 50μ sec.)
• Plastic materials conform to UL94 fl ame class V-0
• Flux proof, RTII
• RoHS compliant

APPLICATIONS
HVDC power supply system, uninterruptible power supply (UPS), EV precharge circuits etc.




Similar Part No. - FTR-J2

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-J2 FUJITSU-FTR-J2 Datasheet
426Kb / 8P
Ultra small High Voltage DC Relay
FTR-J2 FUJITSU-FTR-J2 Datasheet
420Kb / 9P
POWER RELAY ULTRA SMALL HIGH VOLTAGE DC RELAY
FTR-J2AK005W FUJITSU-FTR-J2AK005W Datasheet
426Kb / 8P
Ultra small High Voltage DC Relay
FTR-J2AK005W FUJITSU-FTR-J2AK005W Datasheet
420Kb / 9P
POWER RELAY ULTRA SMALL HIGH VOLTAGE DC RELAY
FTR-J2AK006W FUJITSU-FTR-J2AK006W Datasheet
426Kb / 8P
Ultra small High Voltage DC Relay
More results


Similar Description - FTR-J2

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ACT112 NAIS-ACT112 Datasheet
213Kb / 3P
ULTRA SMALL AUTOMOTIVE RELAY
logo
fujitsu semiconductor
FTR-J2 FUJITSU-FTR-J2 Datasheet
426Kb / 8P
Ultra small High Voltage DC Relay
FTR-J2 FUJITSU-FTR-J2_10 Datasheet
420Kb / 9P
POWER RELAY ULTRA SMALL HIGH VOLTAGE DC RELAY
FTR-J2 FUJITSU-FTR-J2_12 Datasheet
494Kb / 10P
POWER RELAY ULTRA SMALL HIGH VOLTAGE DC RELAY
logo
Sanyou Corporation Limi...
SEC100 SANYOU-SEC100 Datasheet
658Kb / 3P
High Voltage DC Relay
SEC150 SANYOU-SEC150 Datasheet
608Kb / 3P
High Voltage DC Relay
SEP350 SANYOU-SEP350 Datasheet
753Kb / 4P
High Voltage DC Relay
SEV60 SANYOU-SEV60 Datasheet
487Kb / 3P
High Voltage DC Relay
SEV150 SANYOU-SEV150 Datasheet
155Kb / 4P
High Voltage DC Relay
SEV300 SANYOU-SEV300 Datasheet
609Kb / 5P
High Voltage DC Relay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com