Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP20041 Datasheet (PDF) - Monolithic Power Systems

MP20041 Datasheet PDF - Monolithic Power Systems
Part # MP20041
Download  MP20041 Download
File Size   415.31 Kbytes
Page   11 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator

MP20041 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP20041 Datasheet PDF - Monolithic Power Systems

Part # MP20041
Download  MP20041 Click to download

File Size   415.31 Kbytes
Page   11 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator

MP20041 Datasheet (HTML) - Monolithic Power Systems


MP20041 Product details

DESCRIPTION
The MP20041 is a dual-channel, micropower, ultra low noise, low dropout and high PSRR linear regulator. The output voltage of MP20041 ranges from 1.2V to 3.6V in 100mV increments and 1% accuracy by operating from a +2.5V to +6.0V input. The MP20041 can supply up to 300mA of load current at each channel.
The MP20041 uses an internal PMOS as the pass element, which consumes 114μA supply current (both LDOs on) at no load condition. The EN1 and EN2 pins control each output respectively. When both channels shutdown simultaneously, the chip will be turned off and consume nearly zero operation current which is suitable for battery-power devices. The MP20041 features current limit and over temperature protection.
It is available in a 2mm x 2mm TQFN8 package.

FEATURES
 Wide Operating Voltage Ranges: 2.5V to 6V
 Two LDOs in a 2mmx2mm TQFN8 Package
 Up to 300mA Output Current (Per Channel)
 Dual Enable Pins Control Each Output
 72dB PSRR at 10kHz
 11μVRMS Ultra Low Noise Output with No Noise Bypass Capacitor Required
 73mV Dropout at 100mA Load
 Very Fast Line/Load Transient Responses with Small Input/Output Capacitor
 Current Limit and Thermal Protection

APPLICATIONS
 Cellular Phones
 Battery-powered Equipment
 Laptop, Notebook, and Palmtop Computers
 Hand-held Equipment
 Wireless LAN




Similar Part No. - MP20041

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20041DGT-GB-LF-Z MPS-MP20041DGT-GB-LF-Z Datasheet
364Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20041DGT-GC-LF-Z MPS-MP20041DGT-GC-LF-Z Datasheet
364Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20041DGT-GJ-LF-Z MPS-MP20041DGT-GJ-LF-Z Datasheet
364Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20041DGT-GS-LF-Z MPS-MP20041DGT-GS-LF-Z Datasheet
364Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
More results


Similar Description - MP20041

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
First Silicon Co., Ltd
FC8130 FS-FC8130 Datasheet
1Mb / 16P
Ultra High-PSRR, Low-Noise, 300mA C MOS Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com