Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA2128 Datasheet (PDF) - Texas Instruments

INA2128 Datasheet PDF - Texas Instruments
Part # INA2128
Download  INA2128 Download
File Size   2178.53 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA2128 Dual, Low-Power Instrumentation Amplifier

INA2128 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA2128 Datasheet PDF - Texas Instruments

Part # INA2128
Download  INA2128 Click to download

File Size   2178.53 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA2128 Dual, Low-Power Instrumentation Amplifier

INA2128 Datasheet (HTML) - Texas Instruments


INA2128 Product details

1 Features
• Low offset voltage: 50 μV max
• Low drift: 0.5 μV/°C max
• Low input bias current: 5 nA max
• Input voltage noise: 8 nV/√Hz at 1 kHz
• High bandwidth: 1.3 MHz at G=1 V/V
• High CMR: 120 dB min
• Inputs protected to ±40 V
• Wide supply range: ±2.25 V to ±18 V
• Low quiescent current: 700 μA per channel
• Temperature range: –40°C to +85°C
• Package: 16-pin SOIC

2 Applications
• Pressure transmitter
• Temperature transmitter
• Weigh scale
• Electrocardiogram (ECG)
• Analog input module
• Data acquisition (DAQ)

3 Description
The INA2128 is a dual, low-power, general-purpose
instrumentation amplifier (IA) offering excellent
accuracy. The versatile three-op-amp design and
small size make this device an excellent choice for
a wide range of applications. Current-feedback input
circuitry provides wide bandwidth, even at high gain
(200 kHz at G = 100). A single external resistor sets
any gain from 1 to 10,000. Internal input protection
can withstand up to ±40 V without damage.
The INA2128 is laser-trimmed for very low offset
voltage (50 μV), drift (0.5 μV/°C) and high commonmode
rejection (120 dB at G ≥ 100). The device
operates with power supplies as low as ±2.25 V,
and quiescent current is only 700 μA per IA—a
great choice for battery-operated and multiple-channel
systems.
The INA2128 is available in an SOIC-16 package, and
is specified from –40°C to +85°C.




Similar Part No. - INA2128

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA2128 BURR-BROWN-INA2128 Datasheet
282Kb / 10P
Dual, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2128 TI1-INA2128 Datasheet
709Kb / 17P
Dual, Low Power INSTRUMENTATION AMPLIFIER
INA21281K TI1-INA21281K Datasheet
721Kb / 17P
Dual, Low Power INSTRUMENTATION AMPLIFIER
INA21281KE4 TI1-INA21281KE4 Datasheet
721Kb / 17P
Dual, Low Power INSTRUMENTATION AMPLIFIER
INA21281KG4 TI1-INA21281KG4 Datasheet
721Kb / 17P
Dual, Low Power INSTRUMENTATION AMPLIFIER
More results


Similar Description - INA2128

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA2128 BURR-BROWN-INA2128 Datasheet
282Kb / 10P
Dual, Low Power INSTRUMENTATION AMPLIFIER
INA2141 BURR-BROWN-INA2141 Datasheet
243Kb / 10P
Dual, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA102 BURR-BROWN-INA102 Datasheet
173Kb / 13P
Low Power INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD621ANZ AD-AD621ANZ Datasheet
520Kb / 16P
Low Drift, Low Power Instrumentation Amplifier
REV. B
logo
Texas Instruments
INA118U2K5 TI1-INA118U2K5 Datasheet
392Kb / 16P
Precision, Low Power INSTRUMENTATION AMPLIFIER
INA2128U-1K TI1-INA2128U-1K Datasheet
721Kb / 17P
Dual, Low Power INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620 AD-AD620_15 Datasheet
643Kb / 21P
Low Cost Low Power Instrumentation Amplifier
Rev. H
AD621 AD-AD621_15 Datasheet
520Kb / 16P
Low Drift, Low Power Instrumentation Amplifier
REV. B
logo
Texas Instruments
INA2128 TI1-INA2128 Datasheet
709Kb / 17P
Dual, Low Power INSTRUMENTATION AMPLIFIER
logo
JSC ALFA.
AS620 ALFA-AS620 Datasheet
309Kb / 4P
Low Cost Low Power Instrumentation Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com