Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA240 Datasheet (PDF) - Texas Instruments

INA240 Datasheet PDF - Texas Instruments
Part # INA240
Download  INA240 Download
File Size   1858.42 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA240 –4-V to 80-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection

INA240 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA240 Datasheet PDF - Texas Instruments

Part # INA240
Download  INA240 Click to download

File Size   1858.42 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA240 –4-V to 80-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection

INA240 Datasheet (HTML) - Texas Instruments


INA240 Product details

1 Features
• Enhanced PWM Rejection
• Excellent CMRR:
– 132-dB DC CMRR
– 93-dB AC CMRR at 50 kHz
• Wide Common-Mode Range: –4 V to 80 V
• Accuracy:
– Gain:
• Gain Error: 0.20% (Maximum)
• Gain Drift: 2.5 ppm/°C (Maximum)
– Offset:
• Offset Voltage: ±25 μV (Maximum)
• Offset Drift: 250 nV/°C (Maximum)
• Available Gains:
– INA240A1: 20 V/V
– INA240A2: 50 V/V
– INA240A3: 100 V/V
– INA240A4: 200 V/V
• Quiescent Current: 2.4 mA (Maximum)

2 Applications
• Motor Controls
• Solenoid and Valve Controls
• Power Management
• Actuator Controls
• Pressure Regulators
• Telecom Equipment

3 Description
The INA240 device is a voltage-output, current-sense
amplifier with enhanced PWM rejection that can
sense drops across shunt resistors over a wide
common-mode voltage range from –4 V to 80 V,
independent of the supply voltage. The negative
common-mode voltage allows the device to operate
below ground, accommodating the flyback period
of typical solenoid applications. Enhanced PWM
rejection provides high levels of suppression for large
common-mode transients (ΔV/Δt) in systems that use
pulse width modulation (PWM) signals (such as motor
drives and solenoid control systems). This feature
allows for accurate current measurements without
large transients and associated recovery ripple on the
output voltage.
This device operates from a single 2.7-V to 5.5-V
power supply, drawing a maximum of 2.4 mA of
supply current. Four fixed gains are available: 20 V/V,
50 V/V, 100 V/V, and 200 V/V. The low offset of the
zero-drift architecture enables current sensing with
maximum drops across the shunt as low as 10-mV
full-scale. All versions are specified over the extended
operating temperature range (–40°C to +125°C), and
are offered in an 8-pin TSSOP and 8-pin SOIC
packages.




Similar Part No. - INA240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA240 TI1-INA240 Datasheet
543Kb / 8P
Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
INA240 TI1-INA240 Datasheet
1Mb / 35P
High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240 TI1-INA240 Datasheet
1Mb / 34P
Automotive, Wide Common-Mode Range, High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier With Enhanced PWM Rejection
INA240 TI1-INA240 Datasheet
1Mb / 36P
INA240 High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240-Q1 TI1-INA240-Q1 Datasheet
547Kb / 10P
Current-Sense Amplifier
More results


Similar Description - INA240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA240 TI1-INA240_17 Datasheet
1Mb / 36P
INA240 High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA241A TI-INA241A Datasheet
1Mb / 27P
INA241x ??-V to 110-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
MARCH 2022
INA241A TI-INA241A_V01 Datasheet
2Mb / 32P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
INA241A TI-INA241A_V02 Datasheet
2Mb / 34P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
INA241A-Q1 TI-INA241A-Q1 Datasheet
2Mb / 37P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
FEBRUARY 2023
INA241A-Q1 TI-INA241A-Q1_V01 Datasheet
2Mb / 37P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
FEBRUARY 2023
INA241A-Q1 TI-INA241A-Q1_V02 Datasheet
2Mb / 38P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
FEBRUARY 2023
INA241A TI1-INA241A_V03 Datasheet
2Mb / 39P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED JULY 2023
INA241A-Q1 TI-INA241A-Q1_V03 Datasheet
2Mb / 39P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2023
INA241A TI-INA241A_V04 Datasheet
2Mb / 43P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com