Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA2331 Datasheet (PDF) - Texas Instruments

INA2331 Datasheet PDF - Texas Instruments
Part # INA2331
Download  INA2331 Download
File Size   639.36 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS

INA2331 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA2331 Datasheet PDF - Texas Instruments

Part # INA2331
Download  INA2331 Click to download

File Size   639.36 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS

INA2331 Datasheet (HTML) - Texas Instruments


INA2331 Product details

FEATURES
DESIGNED FOR LOW COST
HIGH GAIN ACCURACY: G = 5, 0.02%, 2ppm/°C
GAIN SET WITH EXT. RESISTORS FOR > 5V/V
LOW OFFSET VOLTAGE: ±250μV
HIGH CMRR: 94dB DC, 50dB at 45kHz
LOW BIAS CURRENT: 0.5pA
BANDWIDTH, SLEW RATE: 2.0MHz, 5V/μs
RAIL-TO-RAIL OUTPUT SWING: (V+) – 0.02V
WIDE TEMPERATURE RANGE: –55°C to +125°C
LOW QUIESCENT CURRENT: 490μA max/chan
SHUT DOWN: 0.01μA
MSOP-8 SINGLE AND TSSOP-14 DUAL PACKAGES

APPLICATIONS
INDUSTRIAL SENSOR AMPLIFIERS:
Bridge, RTD, Thermocouple, Position
PHYSIOLOGICAL AMPLIFIERS:
ECG, EEG, EMG
A/D CONVERTER SIGNAL CONDITIONING
DIFFERENTIAL LINE RECEIVERS WITH GAIN
FIELD UTILITY METERS
PCMCIA CARDS
AUDIO AMPLIFIERS
COMMUNICATION SYSTEMS
TEST EQUIPMENT
AUTOMOTIVE INSTRUMENTATION

DESCRIPTION
The INA331 and INA2331 are rail-to-rail output, low-power
CMOS instrumentation amplifiers that offer wide range, singlesupply
operation as well as bipolar-supply operation. The
INA331 family provides low-cost, low-noise amplification of
differential signals with a low quiescent current of 415μA
(dropping to 0.01μA when shutdown). Returning to normal
operation within microseconds, this INA can be used for
battery or multi-channel applications.
Configured internally in a gain of 5V/V, the INA331 offers
flexibility in higher gains by choosing external resistors.
The INA331 rejects line noise and its harmonics, because
common-mode error remains low even at higher frequencies.
High bandwidth and slew rate makes the INA331 ideal for
directly driving sampling Analog-to-Digital (A/D) converters
as well as general-purpose applications.
With high precision, low cost, and small packages, the
INA331 outperforms discrete designs. They are specified for
a wide temperature range of –55°C to +125°C.




Similar Part No. - INA2331

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA2331 TI-INA2331 Datasheet
294Kb / 15P
Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
INA2331 TI1-INA2331 Datasheet
990Kb / 22P
INSTRUMENTATION AMPLIFIERS
INA2331 TI2-INA2331 Datasheet
638Kb / 24P
Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
REVISED APRIL 2005
INA2331AIPW TI1-INA2331AIPW Datasheet
990Kb / 22P
INSTRUMENTATION AMPLIFIERS
INA2331AIPW TI2-INA2331AIPW Datasheet
638Kb / 24P
Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
REVISED APRIL 2005
More results


Similar Description - INA2331

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA321 TI-INA321 Datasheet
325Kb / 18P
microPower, Single-Supply, CMOS Instrumentation Amplifier
INA331 TI-INA331 Datasheet
294Kb / 15P
Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
logo
Burr-Brown (TI)
INA332 BURR-BROWN-INA332 Datasheet
292Kb / 17P
Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
INA322 BURR-BROWN-INA322 Datasheet
303Kb / 10P
microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
logo
National Semiconductor ...
LMC6035 NSC-LMC6035 Datasheet
792Kb / 20P
Low Power 2.7V Single Supply CMOS Operational Amplifiers
logo
Burr-Brown (TI)
INA321 BURR-BROWN-INA321 Datasheet
500Kb / 21P
microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT Datasheet
1Mb / 29P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
Precision, Low-Power Instrumentation Amplifiers
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
Precision, Low Power Instrumentation Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com