Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA332 Datasheet (PDF) - Texas Instruments

INA332 Datasheet PDF - Texas Instruments
Part # INA332
Download  INA332 Download
File Size   643.55 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS

INA332 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA332 Datasheet PDF - Texas Instruments

Part # INA332
Download  INA332 Click to download

File Size   643.55 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS

INA332 Datasheet (HTML) - Texas Instruments


INA332 Product details

FEATURES
DESIGNED FOR LOW COST
HIGH GAIN ACCURACY: G = 5, 0.07%, 2ppm/°C
GAIN SET WITH EXT. RESISTORS FOR > 5V/V
HIGH CMRR: 73dB DC, 50dB at 45kHz
LOW BIAS CURRENT: 0.5pA
BANDWIDTH, SLEW RATE: 2.0MHz, 5V/μs
RAIL-TO-RAIL OUTPUT SWING: (V+) – 0.02V
WIDE TEMPERATURE RANGE: –55°C to +125°C
LOW QUIESCENT CURRENT: 490μA max/chan
SHUTDOWN: 0.01μA
MSOP-8 SINGLE AND TSSOP-14 DUAL PACKAGES

APPLICATIONS
INDUSTRIAL SENSOR AMPLIFIERS:
Bridge, RTD, Thermocouple, Position
PHYSIOLOGICAL AMPLIFIERS: ECG, EEG, EMG
A/D CONVERTER SIGNAL CONDITIONING
DIFFERENTIAL LINE RECEIVERS WITH GAIN
FIELD UTILITY METERS
PCMCIA CARDS
AUDIO AMPLIFIERS
COMMUNICATION SYSTEMS
TEST EQUIPMENT
AUTOMOTIVE INSTRUMENTATION

DESCRIPTION
The INA332 and INA2332 are rail-to-rail output, low-power
CMOS instrumentation amplifiers that offer wide range, singlesupply,
and bipolar-supply operation. Using a special manufacturing
flow, the INA332 family provides the lowest cost
available, while still achieving low-noise amplification of differential
signals with low quiescent current of 415μA (dropping
to 0.01μA when shut down). Returning to normal operation
within microseconds, this INA can be used for battery or
multichannel applications.
Configured internally in a gain of 5V/V, the INA332 offers
flexibility in higher gains by choosing external resistors.
The INA332 rejects line noise and its harmonics because
common-mode error remains low even at higher frequencies.
High bandwidth and slew rate make the INA332 ideal for
directly driving sampling Analog-to-Digital (A/D) converters
as well as general-purpose applications.
With high precision, low cost, and small packages, the
INA332 outperforms discrete designs.
Additionally, because they are specified for a wide temperature
range of –55°C to +125°C, the INA332 family can be
used in demanding environments.




Similar Part No. - INA332

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA332 BURR-BROWN-INA332 Datasheet
292Kb / 17P
Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
logo
Texas Instruments
INA332 TI1-INA332 Datasheet
994Kb / 22P
INSTRUMENTATION AMPLIFIERS
INA332 TI2-INA332 Datasheet
643Kb / 24P
Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
REVISED OCTOBER 2006
INA332AIDGK TI1-INA332AIDGK Datasheet
994Kb / 22P
INSTRUMENTATION AMPLIFIERS
INA332AIDGK TI2-INA332AIDGK Datasheet
643Kb / 24P
Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
REVISED OCTOBER 2006
More results


Similar Description - INA332

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA321 TI-INA321 Datasheet
325Kb / 18P
microPower, Single-Supply, CMOS Instrumentation Amplifier
INA331 TI-INA331 Datasheet
294Kb / 15P
Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
logo
Burr-Brown (TI)
INA332 BURR-BROWN-INA332 Datasheet
292Kb / 17P
Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
INA322 BURR-BROWN-INA322 Datasheet
303Kb / 10P
microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
logo
National Semiconductor ...
LMC6035 NSC-LMC6035 Datasheet
792Kb / 20P
Low Power 2.7V Single Supply CMOS Operational Amplifiers
logo
Burr-Brown (TI)
INA321 BURR-BROWN-INA321 Datasheet
500Kb / 21P
microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT Datasheet
1Mb / 29P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
Precision, Low-Power Instrumentation Amplifiers
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
Precision, Low Power Instrumentation Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com