Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA592 Datasheet (PDF) - Texas Instruments

INA592 Datasheet PDF - Texas Instruments
Part # INA592
Download  INA592 Download
File Size   3080.42 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA592 High-Precision, Wide-Bandwidth e-trim™ Difference Amplifier

INA592 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA592 Datasheet PDF - Texas Instruments

Part # INA592
Download  INA592 Click to download

File Size   3080.42 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA592 High-Precision, Wide-Bandwidth e-trim™ Difference Amplifier

INA592 Datasheet (HTML) - Texas Instruments


INA592 Product details

1 Features
• G = 1/2 amplifier
• G = 2 amplifier
• Low offset voltage: 40 μV (maximum)
• Low offset voltage drift: ±2 μV/°C (maximum)
• Low noise: 18 nV/√Hz at 1 kHz
• Low gain error: ±0.03% (maximum)
• High common-mode rejection: 88 dB (minimum)
• Wide bandwidth: 2 MHz GBW
• Low quiescent current: 1.1 mA per amplifier
• High slew rate: 18 V/μs
• High capacitive load drive capability: 500 pF
• Wide supply range:
– Single supply: 4.5 V to 36 V
– Dual supply: ±2.25 V to ±18 V
• Specified temperature range:
–40°C to +125°C
• Packages: 8-Pin MSOP and SOIC, 10-pin VSON

2 Applications
• AC drive position feedback
• Servo drive position feedback
• Condition monitoring module (voltage, current)
• Power supply module
• Semiconductor test

3 Description
The INA592 device is a low-power, wide bandwidth
difference amplifier consisting of a precision
operational amplifier (op amp) and a precision
resistor network. Excellent tracking of resistors (TCR)
maintains gain accuracy and common-mode rejection
over temperature. Unique features such as low offset
40 μV (maximum), low offset drift (2 μV/°C maximum)
high slew rate (18 V/μs), and high capacitive load
drive of up to 500 pF make the INA592 a robust,
high-performance difference amplifier for high-voltage
industrial applications. The common-mode range of
the internal op amp extends to the negative supply,
enabling the device to operate in single-supply
applications. The device operates on single (4.5 V to
36 V) or dual supplies (±2.25 V to ±18 V).
The difference amplifier is the foundation of many
commonly used circuits. The INA592 provides this
circuit function without using an expensive precision
resistor network.




Similar Part No. - INA592

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA592 TI1-INA592 Datasheet
442Kb / 20P
High-Precision, Wide-Bandwidth e-trim Difference Amplifier
INA592 TI-INA592 Datasheet
2Mb / 44P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592 Datasheet
3Mb / 45P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592 Datasheet
3Mb / 45P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592 Datasheet
3Mb / 48P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
More results


Similar Description - INA592

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA727AIDGKT TI-OPA727AIDGKT Datasheet
1,017Kb / 28P
e-trim 20MHz, High Precision CMOS
logo
Analog Devices
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
High Voltage, Precision Difference Amplifier
12/2016-Rev. B to Rev. C
logo
Texas Instruments
INA592 TI1-INA592 Datasheet
442Kb / 20P
High-Precision, Wide-Bandwidth e-trim Difference Amplifier
INA597 TI1-INA597 Datasheet
1Mb / 40P
INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V01 Datasheet
2Mb / 44P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V02 Datasheet
3Mb / 45P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V03 Datasheet
3Mb / 45P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA597 TI-INA597_V01 Datasheet
2Mb / 42P
INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V04 Datasheet
3Mb / 48P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA597 TI-INA597_V02 Datasheet
3Mb / 47P
INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com