Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA630 Datasheet (PDF) - Texas Instruments

INA630 Datasheet PDF - Texas Instruments
Part # INA630
Download  INA630 Download
File Size   2285.74 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier

INA630 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA630 Datasheet PDF - Texas Instruments

Part # INA630
Download  INA630 Click to download

File Size   2285.74 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier

INA630 Datasheet (HTML) - Texas Instruments


INA630 Product details

1 Features
• Optimized for cost and size sensitive applications
• Super-beta bipolar precision:
– High common-mode rejection: 126dB
(minimum) for G = 20V/V to 1000V/V
– Low offset voltage: 60μV (typical), 350μV
(maximum)
– Low offset voltage drift: 0.7μV/°C (typical),
2μV/°C (maximum)
– Low gain non-linearity: 10ppm (G = 100V/V)
(maximum)
– High power supply rejection: 123dB (minimum)
for G = 20V/V to 1000V/V
– Voltage noise density: 40nV/√Hz at f = 1kHz
• Gain set with external resistor divider for G ≥
20V/V
– Maximum differential input voltages of ±125mV
• Bandwidth: 550kHz (G = 20), 100kHz (G = 100)
• Supply range:
– Single-supply: 4.5V to 36V
– Dual-supply: ±2.25V to ±18V
– Supply current: 300μA (typical)
• Specified temperature range: –40°C to +125°C

2 Applications
• Battery cell formation & test equipment
• Flat panel display (FPD) shorting bar pattern
generator
• Electrocardiogram (ECG)
• Weigh scale

3 Description
The INA630 is a high-precision instrumentation
amplifier that offers low power consumption and
operates over a wide single-supply or dual-supply
range. The INA630 is optimized for small differential
voltages (±125mV maximum) while providing
excellent common-mode suppression (126dB CMRR).
The INA630 offers flexible gain setting with an
external resistor divider of minimum G = 20V/V.
The INA630 is based on an indirect current
feedback architecture that offers low gain error
and non-linearity. Due to the architecture the
reference pin impedance does not degrade the
CMRR performance. The device enables wider input
and output voltage range compared to traditional
instrumentation amplifiers. The device has high
precision as a result of super-beta input transistors,
which provide low input offset voltage, offset voltage
drift, low bias current and current noise.




Similar Part No. - INA630

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA630 TI1-INA630 Datasheet
2Mb / 32P
INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
MARCH 2025
INA630 TI2-INA630 Datasheet
2Mb / 32P
INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
REVISED JULY 2025
INA630DDFR TI2-INA630DDFR Datasheet
2Mb / 32P
INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
REVISED JULY 2025
INA630 TI2-INA630_V01 Datasheet
2Mb / 32P
INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
REVISED JULY 2025
More results


Similar Description - INA630

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
Precision Instrumentation Amplifier
REV.C
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
Precision INSTRUMENTATION AMPLIFIER
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD524SE AD-AD524SE Datasheet
614Kb / 28P
Precision Instrumentation Amplifier
Rev. F
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
Precision Instrumentation Amplifier
REV. C
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD524 AD-AD524_16 Datasheet
519Kb / 29P
Precision Instrumentation Amplifier
Rev. F
AD624 AD-AD624_16 Datasheet
468Kb / 17P
Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
Precision Instrumentation Amplifier
REV. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com