Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA745X Datasheet (PDF) - Texas Instruments

INA745X Datasheet PDF - Texas Instruments
Part # INA745X
Download  INA745X Download
File Size   2384.23 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA745x 40V, 16-Bit, Precision I2C Output Digital Power Monitor With EZShunt™ Technology

INA745X Datasheet (PDF)

Go To PDF Page Download Datasheet
INA745X Datasheet PDF - Texas Instruments

Part # INA745X
Download  INA745X Click to download

File Size   2384.23 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA745x 40V, 16-Bit, Precision I2C Output Digital Power Monitor With EZShunt™ Technology

INA745X Datasheet (HTML) - Texas Instruments


INA745X Product details

1 Features
• Low loss integrated shunt resistor
– Internal resistance: 800μΩ, TA = 25°C
– Continuous current: ±35A, TA = 25°C
– Peak measurement capability: ±39.32A
• Current monitoring accuracy: A/B Grade
(maximum)
– Offset current: ±6.25mA / ±62.5mA
– Offset drift: ±30μA/°C (A and B Grades)
– System gain error: ±0.75% / ±1.25%
– Common-mode rejection: ±0.125 / ±1.25mA/V
• Power monitoring accuracy: A/B Grade,
(maximum)
– ±0.9% / ±1.6% at 25°C, full scale
• Energy and charge accuracy: A/B Grade,
(maximum)
– ±1.4% / ±2.1% at 25°C, full scale
• Temperature sensor: ±1.5°C (maximum at 25°C)
• Precision oscillator: ±0.5% (maximum at 25°C)
• Programmable conversion time and averaging
• 2.94MHz high-speed I2C interface with 16 pinselectable
addresses
• Operates from a 2.7V to 5.5V supply:
– Operational current: 640μA (typical)
– Shutdown current: 5μA (maximum)

2 Applications
• Power delivery
• Grid infrastructure
• Industrial battery packs
• Test equipment
• Telecom equipment
• Enterprise servers

3 Description
The INA745x is a digital power monitor with an
integrated current sensing element along with a 16-
bit delta-sigma ADC specifically designed for currentsensing
applications. The device can measure fullscale
currents up to ±39.32A with common-mode
voltage support from –0.1V to +40V.
The INA745x reports current, bus voltage, die
temperature, power, energy and charge accumulation
while employing a precision ±0.5% integrated
oscillator, all while performing the needed calculations
in the background. The integrated temperature sensor
is ±2.5°C accurate over the junction temperature
range.
The low offset and gain drift design of the INA745x
allows the device to be used in precise systems that
do not undergo multi-temperature calibration during
manufacturing.
The device allows for selectable ADC conversion
times from 50μs to 4.12ms as well as sample
averaging from 1x to 1024x, which further helps
reduce the noise of the measured data.




Similar Part No. - INA745X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA745X TI1-INA745X Datasheet
1Mb / 41P
INA745x 40 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA745X TI1-INA745X Datasheet
2Mb / 50P
INA745x 40 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
DECEMBER 2023
INA745X-Q1 TI2-INA745X-Q1 Datasheet
2Mb / 53P
INA745x-Q1 AEC-Q100, 40V, 16-Bit, Precision I2C Output Digital Power Monitor With EZShunt™ Technology
MAY 2025
More results


Similar Description - INA745X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA238 TI-INA238 Datasheet
2Mb / 49P
INA238 85-V, 16-Bit, High-Precision Power Monitor With I2C Interface
INA237 TI-INA237 Datasheet
2Mb / 45P
INA237 85-V, 16-Bit, Precision Power Monitor With I2C Interface
INA700 TI-INA700 Datasheet
1Mb / 43P
INA700 40-V, 16-Bit, I2C Output Digital Power Monitor in WCSP with EZShunt™ Technology
MAY 2023
INA740A TI1-INA740A Datasheet
1Mb / 41P
INA740x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA741 TI1-INA741 Datasheet
1Mb / 40P
INA741 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA745A TI1-INA745A Datasheet
1Mb / 41P
INA745x 40 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA746 TI1-INA746 Datasheet
1Mb / 40P
INA746 40 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA780A TI1-INA780A Datasheet
1Mb / 42P
INA780x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA781 TI1-INA781 Datasheet
1Mb / 40P
INA781 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA700 TI-INA700_V01 Datasheet
2Mb / 50P
INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology
REVISED SEPTEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com