Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA818 Datasheet (PDF) - Texas Instruments

INA818 Datasheet PDF - Texas Instruments
Part # INA818
Download  INA818 Download
File Size   1371.93 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA818 35-μV Offset, 8-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier

INA818 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA818 Datasheet PDF - Texas Instruments

Part # INA818
Download  INA818 Click to download

File Size   1371.93 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA818 35-μV Offset, 8-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier

INA818 Datasheet (HTML) - Texas Instruments


INA818 Product details

1 Features
1• Low offset voltage: 10 μV (typ), 35 μV (max)
• Gain drift: 5 ppm/°C (G = 1),
35 ppm/°C (G > 1) (max)
• Noise: 8 nV/√Hz
• Bandwidth: 2 MHz (G = 1), 270 kHz (G = 100)
• Stable with 1-nF capacitive loads
• Inputs protected up to ±60 V
• Common-mode rejection: 110 dB, G = 10 (min)
• Power-supply rejection: 100 dB, G = 1 (min)
• Supply current: 385 μA (max)
• Supply voltage range:
– Single supply: 4.5 V to 36 V
– Dual supply: ±2.25 V to ±18 V
• Specified temperature: –40°C to +125°C
• Package: 8-pin SOIC

2 Applications
• Industrial monitors
• Flow transmitters
• Battery test equipment
• Multiparameter patient monitors
• Analog input modules
• Semiconductor test equipment
• Portable instrumentation

3 Description
The INA818 is a high-precision instrumentation
amplifier that offers low power consumption and
operates over a very wide single-supply or dualsupply
range. A single external resistor sets any gain
from 1 to 10000. The device offers high precision as
a result of super-beta input transistors, which provide
exceptionally low input offset voltage, offset voltage
drift, input bias current, input voltage, and current
noise. Additional circuitry protects the inputs against
overvoltage up to ±60 V.
The INA818 is optimized to provide a high commonmode
rejection ratio. At G = 1, the common-mode
rejection ratio exceeds 90 dB across the full input
common-mode range. The device is designed for lowvoltage
operation from a 4.5-V single supply, as well
as dual supplies up to ±18 V.
The INA818 is available in an 8-pin SOIC package
and is specified over the –40°C to +125°C
temperature range.




Similar Part No. - INA818

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA818 TI1-INA818 Datasheet
1Mb / 39P
35-uV Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA818 TI-INA818 Datasheet
3Mb / 36P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA818 TI-INA818 Datasheet
3Mb / 33P
INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
REVISED JULY 2021
INA818 TI-INA818 Datasheet
1Mb / 28P
INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
MARCH 2022
INA818 TI-INA818 Datasheet
3Mb / 52P
INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
REVISED OCTOBER 2022
More results


Similar Description - INA818

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8044 AD-AD8044 Datasheet
926Kb / 24P
1 nV/Hz Low Noise 210C Instrumentation Amplifier
REV. B
logo
Texas Instruments
INA828 TI1-INA828 Datasheet
1Mb / 33P
50-uV Offset, 7-nV Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821 Datasheet
1Mb / 36P
35-uV Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA819 TI1-INA819 Datasheet
1Mb / 43P
35-關V Offset, 8-nV/?숰z Noise, Low-Power Precision Instrumentation Amplifier
INA821 TI1-INA821_18 Datasheet
1Mb / 41P
35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA818 TI1-INA818 Datasheet
1Mb / 39P
35-uV Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA819 TI1-INA819_19 Datasheet
1Mb / 44P
35-關V Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821_19 Datasheet
1Mb / 43P
35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA819 TI1-INA819_V01 Datasheet
2Mb / 45P
INA819 35-關V Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821_V01 Datasheet
2Mb / 45P
INA821 35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com