Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA826 Datasheet (PDF) - Texas Instruments

INA826 Datasheet PDF - Texas Instruments
Part # INA826
Download  INA826 Download
File Size   2278.82 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA826 Precision, 200-μA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output

INA826 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA826 Datasheet PDF - Texas Instruments

Part # INA826
Download  INA826 Click to download

File Size   2278.82 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA826 Precision, 200-μA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output

INA826 Datasheet (HTML) - Texas Instruments


INA826 Product details

1 Features
1• Input common-mode range: Includes V–
• Common-mode rejection:
– 104 dB, min (G = 10)
– 100 dB, min at 5 kHz (G = 10)
• Power-supply rejection: 100 dB, min (G = 1)
• Low offset voltage: 150 μV, max
• Gain drift: 1 ppm/°C (G = 1), 35 ppm/°C (G > 1)
• Noise: 18 nV/√Hz, G ≥ 100
• Bandwidth: 1 MHz (G = 1), 60 kHz (G = 100)
• Inputs protected up to ±40 V
• Rail-to-rail output
• Supply current: 200 μA
• Supply range:
– Single supply: 3 V to 36 V
– Dual supply: ±1.5 V to ±18 V
• Specified temperature range:
–40°C to +125°C
• Packages: 8-pin VSSOP, SOIC, and WSON

2 Applications
• Analog input module
• Flow transmitter
• Battery test
• LCD test
• Electrocardiogram (ECG)
• Surgical equipment
• Process analytics (pH, gas, concentration, force
and humidity)
• Circuit breaker (ACB, MCCB, VCB)

3 Description
The INA826 is a cost-effective instrumentation
amplifier that offers extremely low power consumption
and operates over a very wide single-supply or dualsupply
range. A single external resistor sets any gain
from 1 to 1000. The device offers excellent stability
over temperature, even at G > 1, as a result of the
low gain drift of only 35 ppm/°C (maximum).
The INA826 is optimized to provide excellent
common-mode rejection ratio of over 100 dB (G = 10)
over frequencies up to 5 kHz. At G = 1, the commonmode
rejection ratio exceeds 84 dB across the full
input common-mode range, from the negative supply
all the way up to 1 V of the positive supply. Using a
rail-to-rail output, the INA826 is a great choice for
low-voltage operation from a 3-V single supply, as
well as dual supplies up to ±18 V.
Additional circuitry protects the inputs against
overvoltage of up to ±40 V beyond the power
supplies by limiting the input currents to less than
8 mA.
The INA826 is available in 8-pin SOIC, VSSOP, and
tiny 3-mm × 3-mm WSON surface-mount packages.
All versions are specified for the –40°C to +125°C
temperature range.




Similar Part No. - INA826

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA826 TI1-INA826 Datasheet
1Mb / 39P
Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
SEPTEMBER2011
INA826 TI-INA826 Datasheet
1Mb / 40P
Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
INA826 TI-INA826 Datasheet
1Mb / 40P
Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
INA826 TI1-INA826 Datasheet
1Mb / 43P
Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
INA826 TI-INA826 Datasheet
3Mb / 33P
INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
REVISED JULY 2021
More results


Similar Description - INA826

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8426 AD-AD8426 Datasheet
284Kb / 20P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
logo
Texas Instruments
INA826 TI1-INA826 Datasheet
1Mb / 39P
Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
SEPTEMBER2011
INA826_1112 TI-INA826_1112 Datasheet
1Mb / 40P
Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. C
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. 0
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. 0
logo
Texas Instruments
INA826S TI1-INA826S Datasheet
1Mb / 40P
Precision, 200-uA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output and Shutdown
TLV07 TI1-TLV07 Datasheet
263Kb / 21P
36-V Precision, Rail-to-Rail Output Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com