Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA8281 Datasheet (PDF) - Texas Instruments

INA8281 Datasheet PDF - Texas Instruments
Part # INA8281
Download  INA8281 Download
File Size   1688.27 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA828 50-μV Offset, 7-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier

INA8281 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA8281 Datasheet PDF - Texas Instruments

Part # INA8281
Download  INA8281 Click to download

File Size   1688.27 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA828 50-μV Offset, 7-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier

INA8281 Datasheet (HTML) - Texas Instruments


INA8281 Product details

1 Features
1• Precision Instrumentation Amplifier Evolution:
– Second Generation: INA828
– First Generation: INA128
• Low Offset Voltage: 50 μV, MAX
• Gain Drift: 5 ppm/°C (G = 1), 50 ppm/°C (G > 1)
• Noise: 7 nV/√Hz
• Bandwidth: 2 MHz (G = 1), 260 kHz (G = 100)
• Stable with 1-nF Capacitive Loads
• Inputs Protected Up to ±40 V
• Common-Mode Rejection:
– 110 dB, MIN (G = 10)
• Power-Supply Rejection: 100 dB, MIN (G = 1)
• Supply Current: 650 μA, MAX
• Supply Range:
– Single Supply: 4.5 V to 36 V
– Dual Supply: ±2.25 V to ±18 V
• Specified Temperature Range:
–40°C to +125°C
• Package: 8-Pin SOIC

2 Applications
• Industrial Process Controls
• Circuit Breakers
• Battery Testers
• ECG Amplifiers
• Power Automation
• Medical Instrumentation
• Portable Instrumentation

3 Description
The INA828 is a high-precision instrumentation
amplifier that offers low power consumption and
operates over a very wide single- or dual-supply
range. A single external resistor sets any gain from 1
to 1000. The device offers excellent precision due to
the use of new super-beta input transistors which
provide exceptionally low input offset voltage, offset
voltage drift, input bias current, and input voltage and
current noise. Additional circuitry protects the inputs
against overvoltage up to ±40 V.
The INA828 is optimized to provide excellent
common-mode rejection ratio. At G = 1, the commonmode
rejection ratio exceeds 90 dB across the full
input common-mode range. The device is well-suited
for low-voltage operation from a 5-V single supply as
well as dual supplies up to ±18 V. Finally, INA828 is
available in an 8-pin SOIC package and specified
over the –40°C to +125°C temperature range.




Similar Part No. - INA8281

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA828 TI1-INA828 Datasheet
1Mb / 33P
50-uV Offset, 7-nV Noise, Low-Power, Precision Instrumentation Amplifier
INA828 TI-INA828 Datasheet
3Mb / 36P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA828 TI-INA828 Datasheet
3Mb / 33P
INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
REVISED JULY 2021
INA828 TI-INA828 Datasheet
1Mb / 28P
INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
MARCH 2022
INA828 TI-INA828 Datasheet
3Mb / 52P
INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
REVISED OCTOBER 2022
More results


Similar Description - INA8281

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8044 AD-AD8044 Datasheet
926Kb / 24P
1 nV/Hz Low Noise 210C Instrumentation Amplifier
REV. B
logo
Texas Instruments
INA828 TI1-INA828 Datasheet
1Mb / 33P
50-uV Offset, 7-nV Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821 Datasheet
1Mb / 36P
35-uV Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA819 TI1-INA819 Datasheet
1Mb / 43P
35-關V Offset, 8-nV/?숰z Noise, Low-Power Precision Instrumentation Amplifier
INA821 TI1-INA821_18 Datasheet
1Mb / 41P
35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA818 TI1-INA818 Datasheet
1Mb / 39P
35-uV Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA819 TI1-INA819_19 Datasheet
1Mb / 44P
35-關V Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821_19 Datasheet
1Mb / 43P
35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA819 TI1-INA819_V01 Datasheet
2Mb / 45P
INA819 35-關V Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821_V01 Datasheet
2Mb / 45P
INA821 35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com