Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO1050 Datasheet (PDF) - Texas Instruments

ISO1050 Datasheet PDF - Texas Instruments
Part # ISO1050
Download  ISO1050 Download
File Size   2567.08 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO1050 Isolated CAN Transceiver

ISO1050 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO1050 Datasheet PDF - Texas Instruments

Part # ISO1050
Download  ISO1050 Click to download

File Size   2567.08 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO1050 Isolated CAN Transceiver

ISO1050 Datasheet (HTML) - Texas Instruments


ISO1050 Product details

1 Features
• Meets the requirements of ISO11898-2
• 5000-VRMS isolation (ISO1050DW)
• 2500-VRMS isolation (ISO1050DUB)
• Fail-safe outputs
• Low loop delay: 150 ns (typical), 210 ns
(maximum)
• 50-kV/μs typical transient immunity
• Bus-fault protection of –27 V to 40 V
• Driver (TXD) dominant time-out function
• I/O voltage range supports 3.3 V and 5 V
microprocessors
• Safety-related certifications
– VDE approval per DIN EN IEC 60747-17 (VDE
0884-17)
– UL 1577 approved
– CSA approved for IEC 61010-1, IEC 60601-1
– TUV Reinforced Insulation Approval for
EN/UL/CSA 62368-1 (ISO1050DW-Only)
– CQC reinforced insulation per GB4943.1
(ISO1050DW-only)
– Typical 25-year life at rated working voltage
(see application report SLLA197 and Life
Expectancy vs Working Voltage)

2 Applications
• Industrial automation, control, sensors, and drive
systems
• Building and climate control (HVAC) automation
• Security systems
• Transportation
• Medical
• Telecom
• CAN bus standards such as CANopen, DeviceNet,
NMEA2000, ARINC825, ISO11783, CAN Kingdom,
CANaerospace

3 Description
The ISO1050 is a galvanically isolated CAN
transceiver that meets the specifications of the
ISO11898-2 standard. The device has the logic input
and output buffers separated by a silicon oxide (SiO2)
insulation barrier that provides galvanic isolation of
up to 5000 VRMS for ISO1050DW and 2500 VRMS
for ISO1050DUB. Used in conjunction with isolated
power supplies, the device prevents noise currents on
a data bus or other circuits from entering the local
ground and interfering with or damaging sensitive
circuitry.
As a CAN transceiver, the device provides differential
transmit capability to the bus and differential receive
capability to a CAN controller at signaling rates up to
1 megabit per second (Mbps). The device is designed
for operation in especially harsh environments, and it
features cross-wire, overvoltage and loss of ground
protection from –27 V to 40 V and overtemperature
shutdown, as well as –12V to 12V common-mode
range.
The ISO1050 is characterized for operation over the
ambient temperature range of –55°C to 105°C.




Similar Part No. - ISO1050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1050 TI-ISO1050 Datasheet
768Kb / 21P
ISOLATED CAN TRANSCEIVER
ISO1050 TI-ISO1050 Datasheet
773Kb / 23P
ISOLATED CAN TRANSCEIVER
ISO1050 TI-ISO1050 Datasheet
822Kb / 24P
ISOLATED CAN TRANSCEIVER
ISO1050 TI1-ISO1050 Datasheet
1Mb / 172P
Digital Signal Processors
ISO1050 TI1-ISO1050 Datasheet
1Mb / 33P
ISOLATED CAN TRANSCEIVER
More results


Similar Description - ISO1050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1050 TI-ISO1050 Datasheet
768Kb / 21P
ISOLATED CAN TRANSCEIVER
logo
List of Unclassifed Man...
IL41050 ETC2-IL41050 Datasheet
143Kb / 10P
Isolated High-Speed CAN Transceiver
logo
Texas Instruments
ISO1050 TI-ISO1050_10 Datasheet
773Kb / 23P
ISOLATED CAN TRANSCEIVER
ISO1050_101 TI-ISO1050_101 Datasheet
822Kb / 24P
ISOLATED CAN TRANSCEIVER
logo
Analog Devices
ADM3053 AD-ADM3053_12 Datasheet
353Kb / 20P
Signal and Power Isolated CAN Transceiver
REV. A
logo
Texas Instruments
ISO1050 TI1-ISO1050_13 Datasheet
1Mb / 33P
ISOLATED CAN TRANSCEIVER
logo
List of Unclassifed Man...
IL41050TE ETC2-IL41050TE Datasheet
161Kb / 10P
Isolated High-Speed CAN Transceiver
logo
NXP Semiconductors
TJA1052I NXP-TJA1052I Datasheet
277Kb / 27P
Galvanically isolated high-speed CAN transceiver
Rev. 5-29 January 2018
logo
Analog Devices
ADM3050E AD-ADM3050E Datasheet
360Kb / 18P
Signal Isolated, Basic CAN FD Transceiver
12/2018-Rev. 0 to Rev. A
ADM3056E AD-ADM3056E Datasheet
529Kb / 21P
Signal Isolated CAN FD Transceiver
12/2018-Revision 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com