Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO1500 Datasheet (PDF) - Texas Instruments

ISO1500 Datasheet PDF - Texas Instruments
Part # ISO1500
Download  ISO1500 Download
File Size   1735.36 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO1500 3-kVRMS Basic Isolated RS-485/RS-422 Transceiver in Ultra-Small Package

ISO1500 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO1500 Datasheet PDF - Texas Instruments

Part # ISO1500
Download  ISO1500 Click to download

File Size   1735.36 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO1500 3-kVRMS Basic Isolated RS-485/RS-422 Transceiver in Ultra-Small Package

ISO1500 Datasheet (HTML) - Texas Instruments


ISO1500 Product details

1 Features
1• Meets or exceeds requirements of TIA/EIA-485-A
• Half-duplex transceiver
• Low-EMI 1-Mbps data rate
• Bus I/O protection
– ± 16 kV HBM ESD
• 1.71-V to 5.5-V Logic-side supply (VCC1), 4.5-V to
5.5-V Bus-side supply (VCC2)
• 1/8 Unit load: up to 256 nodes on bus
• Failsafe receiver for bus open, short, and idle
• 100-kV/μs (typical) High common-mode transient
immunity
• Extended temperature range from –40°C to
+125°C
• Glitch-free power-up and power-down for hot plugin
• Ultra-small SSOP (DBQ-16) package
• Safety-related certifications:
– 4242-VPK VIOTM and 566-VPK VIORM per DIN
VDE V 0884-11:2017-01
– 3000-VRMS Isolation for 1 minute per UL 1577
– IEC 60950-1, IEC 62368-1 and IEC 61010-1
certifications
– CQC, TUV, and CSA certifications

2 Applications
• Electricity meters
• Protection relay
• Factory automation & control
• HVAC systems and building automation
• Motor drives

3 Description
The ISO1500 device is a galvanically-isolated
differential line transceiver for TIA/EIA RS-485 and
RS-422 applications. This device has a 3-channel
digital isolator and an RS-485 transceiver in an ultrasmall
16-pin SSOP package. The bus pins of this
transceiver are protected against IEC ESD contact
discharge and IEC EFT events. The receiver output
has a failsafe for bus open, short, and idle conditions.
The small solution size of ISO1500 greatly reduces
the board space required compared to other
integrated isolated RS-485 solutions or discrete
implementation with optocouplers and non-isolated
RS-485 transceiver.
The device is used for long distance communications.
Isolation breaks the ground loop between the
communicating nodes, allowing for a much larger
common mode voltage range. The symmetrical
isolation barrier of each device is tested to provide
3000 VRMS of isolation for 1 minute per UL 1577
between the bus-line transceiver and the logic-level
interface.
The ISO1500 device can operate from 1.71 V to 5.5
V on side 1 which lets the devices interface with lowvoltage
FPGAs and ASICs. The supply voltage on
side 2 is from 4.5 V to 5.5 V. This device supports a
wide operating ambient temperature range from
–40°C to +125°C.




Similar Part No. - ISO1500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1500 TI1-ISO1500 Datasheet
544Kb / 26P
3-kV Basic Isolated RS-485/RS-422 Transceiver in Ultra-Small Package
ISO1500DBQ TI1-ISO1500DBQ Datasheet
544Kb / 26P
3-kV Basic Isolated RS-485/RS-422 Transceiver in Ultra-Small Package
ISO1500DBQR TI1-ISO1500DBQR Datasheet
544Kb / 26P
3-kV Basic Isolated RS-485/RS-422 Transceiver in Ultra-Small Package
More results


Similar Description - ISO1500

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3362 MAXIM-MAX3362 Datasheet
315Kb / 14P
3.3V, High-Speed, RS-485/RS-422 Transceiver in SOT Package
19-2218; Rev 1; 5/02
logo
Analog Devices
ADM1487 AD-ADM1487_15 Datasheet
384Kb / 8P
Ultra-Low Power RS-485/RS-422 Transceiver
REV. PrC 08/02
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
EIA RS-485/RS-422 Transceiver
Rev. D
logo
Exar Corporation
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER
logo
Texas Instruments
ISO1410 TI1-ISO1410 Datasheet
1Mb / 31P
5-kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
ISO1500 TI1-ISO1500 Datasheet
544Kb / 26P
3-kV Basic Isolated RS-485/RS-422 Transceiver in Ultra-Small Package
ISO1430 TI1-ISO1430 Datasheet
3Mb / 47P
5-kVRMS Isolated RS-485/RS-422 Transceiver with Robust EMC
logo
Maxim Integrated Produc...
MAX3362 MAXIM-MAX3362_V01 Datasheet
1Mb / 14P
3.3V, High-Speed, RS-485/RS-422 Transceiver in SOT Package
2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com