Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO3086T Datasheet (PDF) - Texas Instruments

ISO3086T Datasheet PDF - Texas Instruments
Part # ISO3086T
Download  ISO3086T Download
File Size   1448.41 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO3086T Isolated 5-V RS-485 Transceiver With Integrated Transformer Driver

ISO3086T Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO3086T Datasheet PDF - Texas Instruments

Part # ISO3086T
Download  ISO3086T Click to download

File Size   1448.41 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO3086T Isolated 5-V RS-485 Transceiver With Integrated Transformer Driver

ISO3086T Datasheet (HTML) - Texas Instruments


ISO3086T Product details

1 Features
• Meets or exceeds TIA/EIA-485-A
• Signaling rate up to 20 Mbps
• 1/8 unit load – up to 256 nodes on a bus
• Thermal shutdown protection
• Typical efficiency > 60% (ILOAD = 100 mA) - see
SLUU469
• Low bus capacitance 7 pF (typical)
• 50-kV/μs typical transient immunity
• Fail-safe receiver for bus open, short, idle
• Logic inputs are 5 V tolerant
• Bus-pin ESD protection
– 11-kV HBM between bus-pins and GND2
– 6-kV HBM between bus-pins and GND1
• Safety and regulatory approvals
– 4242 VPK basic insulation per DIN EN IEC
60747-17 (VDE 0884-17)
– 2500 VRMS isolation for 1 minute per UL 1577
– CSA component acceptance notice 5A, IEC
60950-1 and IEC 61010-1 standards

2 Applications
• Isolated RS-485/RS-422 Interfaces
• Factory automation
• Motor/motion control
• HVAC and building automation networks
• Networked security stations

3 Description
The ISO3086T is an isolated differential line
transceiver with integrated oscillator outputs that
provide the primary voltage for an isolation
transformer. The device is a full-duplex differential line
transceiver for RS-485 and RS-422 applications that
can easily be configured for half-duplex operation by
connecting pin 11 to pin 14, and pin 12 to pin 13.
These devices are ideal for long transmission lines
since the ground loop is broken to allow for a much
larger common-mode voltage range. The symmetrical
isolation barrier of the device is tested to provide 4242
VPK of isolation for 1 minute per VDE between the
bus-line transceiver and the logic-level interface.
Any cabled I/O can be subjected to electrical
noise transients from various sources. These noise
transients can cause damage to the transceiver
and/or near-by sensitive circuitry if they are of
sufficient magnitude and duration. These isolated
devices can significantly increase protection and
reduce the risk of damage to expensive control
circuits.
The ISO3086T is specified for use from –40°C to
85°C.




Similar Part No. - ISO3086T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO3086T TI1-ISO3086T Datasheet
519Kb / 24P
Isolated 5V RS-485 Transceiver With Integrated Transformer Driver
ISO3086TDW TI1-ISO3086TDW Datasheet
519Kb / 24P
Isolated 5V RS-485 Transceiver With Integrated Transformer Driver
ISO3086TDW TI1-ISO3086TDW Datasheet
1Mb / 31P
Isolated 5-V RS-485 Transceiver With Integrated Transformer Driver
ISO3086TDWR TI1-ISO3086TDWR Datasheet
519Kb / 24P
Isolated 5V RS-485 Transceiver With Integrated Transformer Driver
ISO3086TDWR TI1-ISO3086TDWR Datasheet
1Mb / 31P
Isolated 5-V RS-485 Transceiver With Integrated Transformer Driver
More results


Similar Description - ISO3086T

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2485 AD-ADM2485 Datasheet
559Kb / 15P
High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
logo
Texas Instruments
ISO1176T TI-ISO1176T Datasheet
494Kb / 24P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
logo
Analog Devices
ADM2485 AD-ADM2485_07 Datasheet
587Kb / 20P
High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
REV. A
logo
Texas Instruments
ISO1176T_1108 TI-ISO1176T_1108 Datasheet
674Kb / 27P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO35T TI1-ISO35T Datasheet
740Kb / 25P
Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO3086T TI1-ISO3086T Datasheet
519Kb / 24P
Isolated 5V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T TI1-ISO1176T_13 Datasheet
1Mb / 27P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI1-ISO1176T_14 Datasheet
1Mb / 28P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO35T TI1-ISO35T_15 Datasheet
1Mb / 31P
Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO3086T TI1-ISO3086T_15 Datasheet
1Mb / 31P
Isolated 5-V RS-485 Transceiver With Integrated Transformer Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com