Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO6760 Datasheet (PDF) - Texas Instruments

ISO6760 Datasheet PDF - Texas Instruments
Part # ISO6760
Download  ISO6760 Download
File Size   2999.01 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC

ISO6760 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO6760 Datasheet PDF - Texas Instruments

Part # ISO6760
Download  ISO6760 Click to download

File Size   2999.01 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC

ISO6760 Datasheet (HTML) - Texas Instruments


ISO6760 Product details

1 Features
• 50 Mbps data rate
• Robust isolation barrier:
– High lifetime at 1500 VRMS working voltage
– Up to 5000 VRMS isolation rating
– Up to 10 kV surge capability
– ±150 kV/μs typical CMTI
• Wide supply range: 1.71 V to 1.89 V and 2.25 V to
5.5 V
• 1.71 V to 5.5 V level translation
• Default output high (ISO676x) and low (ISO676xF)
options
• Wide temperature range: –40°C to 125°C
• 1.6 mA per channel typical at 1 Mbps
• Low propagation delay: 11 ns typical
• Robust electromagnetic compatibility (EMC)
– System-level ESD, EFT, and surge immunity
– Low emissions
• Wide-SOIC (DW-16) Package
• Safety-Related Certifications:
– DIN EN IEC 60747-17 (VDE 0884-17)
– UL 1577 component recognition program
– IEC 62368-1, IEC 61010-1, IEC 60601-1 and
GB 4943.1 certifications

2 Applications
• Power supplies
• Grid, Electricity meter
• Motor drives
• Factory automation
• Building automation
• Lighting
• Appliances

3 Description
The ISO676x devices are high-performance, sixchannel
digital isolators ideal for cost-sensitive
applications requiring up to 5000 VRMS isolation
ratings per UL 1577. These devices are also certified
by VDE, TUV, CSA, and CQC.
The ISO676x devices provide high electromagnetic
immunity and low emissions at low power
consumption, while isolating CMOS or LVCMOS
digital I/Os. Each isolation channel has a logic input
and output buffer separated by TI's double capacitive
silicon dioxide (SiO2) insulation barrier. The ISO676x
family of devices is available in all possible pin
configurations such that all six channels are in the
same direction, or one, two, or three channels are in
reverse direction while the remaining channels are in
forward direction. In the event of input power or signal
loss, the default output is high for devices without
suffix F and low for devices with suffix F. See Device
Functional Modes section for further details.
Used in conjunction with isolated power supplies,
these devices help prevent noise currents on data
buses, such as UART, SPI, RS-485, RS-232, and
CAN from damaging sensitive circuitry. Through
innovative chip design and layout techniques, the
electromagnetic compatibility of the ISO676x devices
has been significantly enhanced to ease system-level
ESD, EFT, surge, and emissions compliance. The
ISO676x family of devices is available in a 16-pin
SOIC wide-body (DW) package and is a pin-to-pin
upgrade to the older generations.




Similar Part No. - ISO6760

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO6760 TI-ISO6760 Datasheet
3Mb / 47P
ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
REVISED NOVEMBER 2021
ISO6760 TI-ISO6760 Datasheet
3Mb / 51P
ISO676x-Q1 General-Purpose Six-Channel Automotive Reinforced Digital Isolators with Robust EMC
NOVEMBER 2021
ISO6760 TI-ISO6760 Datasheet
3Mb / 51P
ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
NOVEMBER 2021
ISO6760-Q1 TI-ISO6760-Q1 Datasheet
3Mb / 51P
ISO676x-Q1 General-Purpose Six-Channel Automotive Reinforced Digital Isolators with Robust EMC
NOVEMBER 2021
ISO6760DWR TI-ISO6760DWR Datasheet
3Mb / 51P
ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
NOVEMBER 2021
More results


Similar Description - ISO6760

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760 TI1-ISO7760_18 Datasheet
2Mb / 40P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760-Q1 TI1-ISO7760-Q1 Datasheet
2Mb / 43P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760-Q1 TI1-ISO7760-Q1_19 Datasheet
3Mb / 44P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO6740 TI-ISO6740 Datasheet
3Mb / 44P
ISO674x General-Purpose Reinforced Quad-Channel Digital Isolators with Robust EMC
ISO6731 TI-ISO6731_V01 Datasheet
2Mb / 40P
ISO674x General-Purpose Reinforced Quad-Channel Digital Isolators with Robust EMC
ISO6760 TI-ISO6760 Datasheet
3Mb / 47P
ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
REVISED NOVEMBER 2021
ISO6763-Q1 TI-ISO6763-Q1 Datasheet
1Mb / 37P
ISO676x-Q1 General-Purpose Six-Channel Automotive Reinforced Digital Isolators with Robust EMC
SLLSFK2 ??AUGUST 2021
ISO6760-Q1 TI-ISO6760-Q1 Datasheet
3Mb / 51P
ISO676x-Q1 General-Purpose Six-Channel Automotive Reinforced Digital Isolators with Robust EMC
NOVEMBER 2021
ISO6760 TI-ISO6760_V01 Datasheet
3Mb / 51P
ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
NOVEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com