Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7640FM Datasheet (PDF) - Texas Instruments

ISO7640FM Datasheet PDF - Texas Instruments
Part # ISO7640FM
Download  ISO7640FM Download
File Size   1348.19 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO764xFM Low-Power Quad-Channel Digital Isolators

ISO7640FM Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO7640FM Datasheet PDF - Texas Instruments

Part # ISO7640FM
Download  ISO7640FM Click to download

File Size   1348.19 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO764xFM Low-Power Quad-Channel Digital Isolators

ISO7640FM Datasheet (HTML) - Texas Instruments


ISO7640FM Product details

1 Features
1• Signaling Rate: 150 Mbps
• Low Power Consumption, Typical I CC per Channel
(3.3-V Supplies):
– ISO7640FM: 2 mA at 25 Mbps
– ISO7641FM: 2.4 mA at 25 Mbps quad•
Low Propagation Delay: 7-ns Typical
• Output Defaults to Low-State in Fail-Safe Mode
• Wide Temperature Range: –40°C to 125°C
• 50-KV/μs Transient Immunity, Typical
• Long Life With SiO2 Isolation Barrier
• Operates From 2.7-V, 3.3-V, and 5-V Supply and
Logic Levels
• Wide Body SOIC-16 Package
• Safety and Regulatory Approvals
– 6000 V PK / 4243 VRMS for 1 Minute per UL
1577
– VDE 6000 VPK Transient Overvoltage, 1414
VPK Working Voltage per DIN V VDE V 0884-
10 (VDE V 0884-10):2006-12
– CSA Component Acceptance Notice 5A, IEC
60950-1, IEC 61010-1, and IEC 60601-1 End
Equipment Standards
– TUV 5 KV RMS Reinforced Insulation per
EN/UL/CSA 60950-1 and EN/UL/CSA 61010-1
– CQC Reinforced Insulation per GB4943.1-
2011

2 Applications
• Optocoupler Replacement in:
– Industrial Fieldbus
– Profibus
– Modbus
– DeviceNet™ Data Buses
– Servo Control Interface
– Motor Control
– Power Supplies
– Battery Packs

3 Description
ISO7640FM and ISO7641FM provide galvanic
isolation up to 6 KVPK for 1 minute per UL and VDE.
These devices are also certified up to 5-KVRMS
Reinforced isolation at a working voltage of 400 VRMS
per end equipment standards EN/UL/CSA 60950-1
and 61010-1. ISO7640F and ISO7641F are quad•
channel isolators; ISO7640F has four forward and ISO7641F has three forward and one reverse-
direction channels. Suffix F indicates that output
defaults to Low-state in fail-safe conditions (see
Table 4). M-Grade devices are high-speed isolators capable of 150-Mbps data rate with fast propagation
delays.
Each isolation channel has a logic input and output
buffer separated by a silicon dioxide (SiO2) insulation
barrier. Used in conjunction with isolated power
supplies, these devices prevent noise currents on a
data bus or other circuits from entering the local
ground and interfering with or damaging sensitive
circuitry. The devices have TTL input thresholds and
can operate from 2.7-V, 3.3-V, and 5-V supplies. All
inputs are 5-V tolerant when supplied from 3.3-V or
2.7-V supplies.




Similar Part No. - ISO7640FM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7640FM TI1-ISO7640FM Datasheet
956Kb / 29P
Low Power Quad Channels Digital Isolators
ISO7640FMDW TI1-ISO7640FMDW Datasheet
956Kb / 29P
Low Power Quad Channels Digital Isolators
ISO7640FMDWR TI1-ISO7640FMDWR Datasheet
956Kb / 29P
Low Power Quad Channels Digital Isolators
More results


Similar Description - ISO7640FM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
Quad-Channel Digital Isolators
Rev. H
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
Quad-Channel Digital Isolators
Rev. H
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
Quad-Channel Digital Isolators
Rev. I
ADUM1402 AD-ADUM1402_15 Datasheet
578Kb / 32P
Quad-Channel Digital Isolators
Rev. I
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
Quad-Channel Digital Isolators
Rev. J
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
Quad-Channel Digital Isolators
Rev. E
logo
Silicon Laboratories
SI8640BA-B-IU SILABS-SI8640BA-B-IU Datasheet
804Kb / 42P
Low-Power Quad-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI864X SKYWORKS-SI864X Datasheet
1Mb / 46P
Low-Power, Quad-Channel Digital Isolators
Revision 1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com