Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7420D Datasheet (PDF) - Texas Instruments

ISO7420D Datasheet PDF - Texas Instruments
Part # ISO7420D
Download  ISO7420D Download
File Size   929.14 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO742x Low-Power Dual-Channel Digital Isolators

ISO7420D Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO7420D Datasheet PDF - Texas Instruments

Part # ISO7420D
Download  ISO7420D Click to download

File Size   929.14 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO742x Low-Power Dual-Channel Digital Isolators

ISO7420D Datasheet (HTML) - Texas Instruments


ISO7420D Product details

1 Features
1• Highest Signaling Rate: 1 Mbps
• Low Power Consumption, Typical I CC per Channel
(3.3-V operation):
– ISO7420: 1.1 mA, ISO7421: 1.5 mA
• Low Propagation Delay – 9 ns Typical
• Low Skew – 300 ps Typical
• Wide TA Range: –40°C to 125°C (M-Grade)
• 50-kV/μs Transient Immunity, Typical
• Over 25-Year Isolation Integrity at Rated Voltage
• Operates From 3.3-V and 5-V Supply and Logic
Levels
• 3.3-V and 5-V Level Translation
• Narrow Body SOIC-8 Package
• Safety and Regulatory Approvals:
– 4242 VPK Isolation per DIN V VDE V 0884-10
and DIN EN 61010-1
– 2500 VRMS Isolation for 1 minute per UL 1577
– CSA Component Acceptance Notice 5A, IEC
60950-1 and IEC 61010-1 Standards
– CQC Certification per GB4943.1-2011

2 Applications
• Optocoupler Replacement in:
– Industrial Fieldbus
– Profibus
– Modbus
– DeviceNet™ Data Buses
– Servo Control Interface
– Motor Control
– Power Supplies
– Battery Packs

3 Description
The ISO7420, ISO7420M and ISO7421 provide
galvanic isolation up to 2500 VRMS for 1 minute per
UL. These digital isolators have two isolated
channels. Each isolation channel has a logic input
and output buffer separated by a silicon dioxide
(SiO2) insulation barrier. Used in conjunction with
isolated power supplies, these devices prevent noise currents on a data bus or other circuit from entering
the local ground and interfering with or damaging
sensitive circuitry. The suffix M indicates wide
temperature range (–40°C to 125°C).
These devices have TTL input thresholds and require
two supply voltages, 3.3 or 5 V, or any combination.
All inputs are 5-V tolerant when supplied from a 3.3-V supply.
Note: The ISO7420 and ISO7421 are specified for signaling rates up to 1 Mbps. Due to their fast
response time, under most cases, these devices will
also transmit data with much shorter pulse widths.
Designers should add external filtering to remove
spurious signals with input pulse duration <20 ns if
desired.




Similar Part No. - ISO7420D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7420D TI-ISO7420D Datasheet
611Kb / 19P
Low-Power Dual Digital Isolators
ISO7420D TI-ISO7420D Datasheet
432Kb / 20P
Low-Power Dual Digital Isolators
ISO7420D TI2-ISO7420D Datasheet
928Kb / 30P
ISO742x Low-Power Dual-Channel Digital Isolators
REVISED JULY 2015
ISO7420D.A TI2-ISO7420D.A Datasheet
928Kb / 30P
ISO742x Low-Power Dual-Channel Digital Isolators
REVISED JULY 2015
ISO7420D.B TI2-ISO7420D.B Datasheet
928Kb / 30P
ISO742x Low-Power Dual-Channel Digital Isolators
REVISED JULY 2015
More results


Similar Description - ISO7420D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7421 TI-ISO7421 Datasheet
640Kb / 18P
Low-Power Dual Digital Isolators
ISO7420 TI-ISO7420 Datasheet
611Kb / 19P
Low-Power Dual Digital Isolators
ISO7420 TI-ISO7420_10 Datasheet
432Kb / 20P
Low-Power Dual Digital Isolators
ISO7420FE TI-ISO7420FE Datasheet
544Kb / 19P
Low-Power Dual Channel Digital Isolators
ISO7420E_1112 TI-ISO7420E_1112 Datasheet
965Kb / 25P
Low-Power Dual Channel Digital Isolators
ISO7421A-Q1 TI1-ISO7421A-Q1 Datasheet
752Kb / 20P
LOW-POWER DUAL DIGITAL ISOLATORS
ISO7420FED TI1-ISO7420FED Datasheet
1Mb / 27P
Low-Power Dual Channel Digital Isolators
ISO7420E TI-ISO7420E_15 Datasheet
1Mb / 33P
ISO742x Low-Power Dual Channel Digital Isolators
ISO7420 TI-ISO7420_15 Datasheet
1Mb / 28P
ISO742x Low-Power Dual-Channel Digital Isolators
ISO7421-EP TI1-ISO7421-EP_16 Datasheet
1,006Kb / 24P
Low-Power Dual Digital Isolators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com