Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2FD10165HF Datasheet (PDF) - nVent Electric plc

P2FD10165HF Datasheet PDF - nVent Electric plc
Part # P2FD10165HF
Download  P2FD10165HF Download
File Size   992.44 Kbytes
Page   8 Pages
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc
Description Frames

P2FD10165HF Datasheet (PDF)

Go To PDF Page Download Datasheet
P2FD10165HF Datasheet PDF - nVent Electric plc

Part # P2FD10165HF
Download  P2FD10165HF Click to download

File Size   992.44 Kbytes
Page   8 Pages
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc
Description Frames

P2FD10165HF Datasheet (HTML) - nVent Electric plc


P2FD10165HF Product details

APPLICAT ION
The PROLINE G2 frame is the foundational design element that
protects the components inside this modular enclosure. The
frame was designed to withstand heavier load requirements and
to maintain a solid square structure - a solid foundation for the
electrical enclosure.
FEATU RES
• Superior performance under load: 12 gauge (2.5 mm) roll-formed
steel frame with welded corners, hybrid frame profile
• Wide range of standard options: 114 frame sizes; disconnect
options, custom sizes on request
• Easy to assemble and use: 25 mm hole pattern on horizontal and
vertical frame members, wide door opening, removable rear
centerpost for frames greater than 1200 mm wide




Similar Part No. - P2FD10165HF

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
P2F7 GOOD-ARK-P2F7 Datasheet
383Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
logo
Shindengen Electric Mfg...
P2FE60VX5K SHINDENGEN-P2FE60VX5K Datasheet
864Kb / 4P
Power MOSFET
More results


Similar Description - P2FD10165HF

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS2GPF730B TRANSCEND-TS2GPF730B Datasheet
71Kb / 2P
Digital Photo Frames
logo
Synaptics Incorporated.
CX92745 CONEXANT-CX92745 Datasheet
522Kb / 2P
Connected Digital Frames
logo
celduc-relais
PWA01500 CELDUC-PWA01500 Datasheet
804Kb / 4P
Sensors for window frames
logo
Hubbell Incorporated.
PREMISE_NS802W HUBBELL-PREMISE_NS802W Datasheet
280Kb / 1P
Wallplates HDMI Frames
PREMISE_NS801W HUBBELL-PREMISE_NS801W Datasheet
273Kb / 1P
Wallplates HDMI Frames
logo
FIBOX Enclosing innovat...
3510840 FIBOX-3510840 Datasheet
43Kb / 1P
DIN rail frames
31.07.2023
3510841 FIBOX-3510841 Datasheet
47Kb / 1P
DIN rail frames
31.07.2023
3510842 FIBOX-3510842 Datasheet
46Kb / 1P
DIN rail frames
31.07.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com