Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSDL-7002 Datasheet (PDF) - Broadcom Corporation.

HSDL-7002 Datasheet PDF - Broadcom Corporation.
Part # HSDL-7002
Download  HSDL-7002 Download
File Size   596.04 Kbytes
Page   12 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description Agilent HSDL-7002 IrDA® 3/16 Encode/Decode Integrated Circuit in QFN Package

HSDL-7002 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSDL-7002 Datasheet PDF - Broadcom Corporation.

Part # HSDL-7002
Download  HSDL-7002 Click to download

File Size   596.04 Kbytes
Page   12 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description Agilent HSDL-7002 IrDA® 3/16 Encode/Decode Integrated Circuit in QFN Package

HSDL-7002 Datasheet (HTML) - Broadcom Corporation.


HSDL-7002 Product details

Description
The HSDL-7002 modulates and demodulates electrical pulses from HSDL-3201 IrDA® transceiver module and other IrDA® compliant transceivers. The HSDL-7002 can be used with a microcontroller/microprocessor that has a serial communication interface (UART).
Prior to communication, the processor selects the transmission baud rate. Serial data is then transmitted or received at the prescribed data rate.
The HSDL-7002 consists or two state machines – the SIR (Serial InfraRed) Encode and SIR Decode blocks. It also contains a sequential block Clock Divide that synthesizes the required internal signal.
The HSDL-7002 can be placed into the Internal Clock Mode or External Clock Mode. An external crystal is needed for the Internal Clock Mode. In applications where the external 16XCLK signal is provided, a crystal is not needed.
There are two data transmission modes. Data can be transmitter and received in either a standard 3/16 modulation mode or a 1.63 μs pulse mode.

Features
• Fully Compliant to IrDA® Physical Layer Specification 1.4 from 9.6 kbit/s to 115.2 kbit/s (SIR)
• Interfaces with IrDA® Compliant IR Transceiver
• Miniature Module Size with 16-pin Quad-Flat-No Lead (QFN) Package
Height : 0.8 mm
Length : 4.0 mm
Depth : 4.0 mm
• Used in Conjunction with Standard 16550 UART
• Transmits/Receives either 1.63 μs or 3/16 Pulse Mode
• Internal or External Clock Mode
• Programmable Baud Rate 2.7 – 5.5 V Operation
• Lead Free and Green Product

Applications
• Interfaces with IrDA® Transceiver
in:
• Telecom Applications:
Mobile Phones
Modems
Pagers
Fax Machines
• Computer Applications:
Notebook Computers
Desktop PCs
Dongles or other RS-232
adapters
PDAs
Printers
• Handheld Data Collection:
Industrial
Medical
• Transportation




Similar Part No. - HSDL-7002

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-7002 AVAGO-HSDL-7002 Datasheet
314Kb / 11P
3/16 Encode/Decode Integrated Circuit in QFN Package
logo
Lite-On Technology Corp...
HSDL-7002 LITEON-HSDL-7002 Datasheet
328Kb / 11P
IrDA 3/16 Encode/Decode Integrated Circuit in QFN Package
More results


Similar Description - HSDL-7002

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-7000 HP-HSDL-7000 Datasheet
104Kb / 5P
IR 3/16 Encode/Decode IC
HSDL-7001-2500 HP-HSDL-7001-2500 Datasheet
130Kb / 8P
IR 3/16 Encode/Decode IC
HSDL7001 HP-HSDL7001 Datasheet
128Kb / 8P
IR 3/16 Encode/Decode IC
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-7000 AVAGO-HSDL-7000 Datasheet
54Kb / 6P
IR 3/16 Encode/Decode IC
HSDL-7002 AVAGO-HSDL-7002 Datasheet
314Kb / 11P
3/16 Encode/Decode Integrated Circuit in QFN Package
logo
Lite-On Technology Corp...
HSDL-7002 LITEON-HSDL-7002 Datasheet
328Kb / 11P
IrDA 3/16 Encode/Decode Integrated Circuit in QFN Package
logo
Vishay Siliconix
TOIM5232 VISHAY-TOIM5232 Datasheet
530Kb / 13P
SIR Endec for IrDA® Applications Integrated Interface Circuit
04-Jul-12
logo
Texas Instruments
TPS62130 TI1-TPS62130_13 Datasheet
1Mb / 36P
3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62085 TI1-TPS62085 Datasheet
903Kb / 19P
3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
TPS62085 TI1-TPS62085_14 Datasheet
904Kb / 20P
3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com