Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COS-53G-01 Datasheet (PDF) - Elma Electronic Ltd

COS-53G-01 Datasheet PDF - Elma Electronic Ltd
Part # COS-53G-01
Download  COS-53G-01 Download
File Size   731.17 Kbytes
Page   2 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description High Performance Computing and Data Storage

COS-53G-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
COS-53G-01 Datasheet PDF - Elma Electronic Ltd

Part # COS-53G-01
Download  COS-53G-01 Click to download

File Size   731.17 Kbytes
Page   2 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description High Performance Computing and Data Storage

COS-53G-01 Datasheet (HTML) - Elma Electronic Ltd


COS-53G-01 Product details

Features
• 4th Generation Intel® Celeron® 2.4GHz Processor with QM87 Chipset
• Up to 16GB Dual Channel DDR3L at 1600MHz
• 256GB solid state storage - inquire about higher capacities
• Dual 10/100/1000Mbps GbE Ports
• Solid cable-less internal construction
• Passive conduction cooled and fanless thermal design
• Modular solution using standard Type 6 COMExpress modules
• Mighty Mouse I/O connectors for reliable performance in harsh environments
• Extended temperature operation
Benefits
• Ideal for space constrained, rugged, or extended temperature applications
• Easy CPU, storage and I/O upgrade reduces tech refresh costs using industry
standard Type 6 COM Express and mini PCIe modules.
• Solid construction for high shock and vibration resistance
• Intelligent mechanical design for reduced volume manufacturing costs
• The support services of Elma’s experienced systems integration team




Similar Part No. - COS-53G-01

ManufacturerPart #DatasheetDescription
logo
Clarke International
COS210 CLARKE-COS210 Datasheet
2Mb / 12P
ORBITAL SANDER
DL0423 - Rev2
logo
Norgren Ltd
COSAO NORGREN-COSAO Datasheet
1Mb / 27P
PUSH-IN fittings, metric
logo
OPLINK Communications I...
COSF OPLINK-COSF Datasheet
341Kb / 3P
Custom Optical Switch Fabric
logo
ZIEHL industrie-elektro...
COSFI100V ZIEHL-COSFI100V Datasheet
440Kb / 2P
Active current with direction, over- and underload and cos?
logo
Chip Quik Inc.
COSOLV165 CHIPQUIK-COSOLV165 Datasheet
175Kb / 1P
Co-Solvent Low Evaporating Flux Remover in 30ml (1.0oz) Squeeze Bottle w/tip
revision 1.0
More results


Similar Description - COS-53G-01

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
CRS-720X-2R AAEON-CRS-720X-2R Datasheet
129Kb / 1P
High Performance 2U Storage Server
CRS-720X-2R AAEON-CRS-720X-2R Datasheet
129Kb / 1P
High Performance 2U Storage Server
CRS-720X-2R AAEON-CRS-720X-2R_15 Datasheet
129Kb / 1P
High Performance 2U Storage Server
logo
List of Unclassifed Man...
TN70J-E3250 ETC2-TN70J-E3250 Datasheet
1Mb / 2P
High-Performance, Green Storage
LS-VL ETC2-LS-VL Datasheet
386Kb / 2P
High Performance Shared Network Storage
OCE14000B ETC2-OCE14000B Datasheet
528Kb / 4P
Accelerates applications and storage performance
OCM14102-UX-OCP ETC2-OCM14102-UX-OCP Datasheet
464Kb / 4P
Accelerates applications and storage performance
logo
Adlink Technology Inc.
VPX3000 ADLINK-VPX3000 Datasheet
1Mb / 4P
Military Storage and Data Processing
logo
Advanced Micro Devices
CS500 AMD-CS500 Datasheet
2Mb / 4P
Flexible Computing Performance
logo
Kingston Technology Far...
UFS64G-TX17 KINGSTON-UFS64G-TX17 Datasheet
3Mb / 2P
High performance storage for mobile and embedded applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com