Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXMBNI23FBF19ASC. Datasheet (PDF) - Bulgin Limited. All rights reserved.

PXMBNI23FBF19ASC. Datasheet PDF - Bulgin Limited. All rights reserved.
Part # PXMBNI23FBF19ASC.
Download  PXMBNI23FBF19ASC. Download
File Size   862.58 Kbytes
Page   3 Pages
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.
Description M23 Series

PXMBNI23FBF19ASC. Datasheet (PDF)

Go To PDF Page Download Datasheet
PXMBNI23FBF19ASC. Datasheet PDF - Bulgin Limited. All rights reserved.

Part # PXMBNI23FBF19ASC.
Download  PXMBNI23FBF19ASC. Click to download

File Size   862.58 Kbytes
Page   3 Pages
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.
Description M23 Series

PXMBNI23FBF19ASC. Datasheet (HTML) - Bulgin Limited. All rights reserved.


PXMBNI23FBF19ASC. Product details

A-Coded
Male and female variants, 12 or 19 poles
Straight and angled configurations
Robust metal housing
IP67 protection rating (when mated)
Voltages up to 250 V and currents up to 8 A
Key features:




Similar Part No. - PXMBNI23FBF19ASC.

ManufacturerPart #DatasheetDescription
logo
Bulgin Limited. All rig...
PXMBNI05FPM BULGINLIMITED-PXMBNI05FPM Datasheet
841Kb / 8P
M5 Series
PXMBNI05FPM03AFL001 BULGINLIMITED-PXMBNI05FPM03AFL001 Datasheet
841Kb / 8P
M5 Series
PXMBNI05FPM03AFL002 BULGINLIMITED-PXMBNI05FPM03AFL002 Datasheet
841Kb / 8P
M5 Series
PXMBNI05FPM03AFL003 BULGINLIMITED-PXMBNI05FPM03AFL003 Datasheet
841Kb / 8P
M5 Series
PXMBNI05FPM03APC BULGINLIMITED-PXMBNI05FPM03APC Datasheet
841Kb / 8P
M5 Series
More results


Similar Description - PXMBNI23FBF19ASC.

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
ER1200126 ALPHAWIRE-ER1200126 Datasheet
158Kb / 2P
M23 Female
ER1900127 ALPHAWIRE-ER1900127 Datasheet
166Kb / 2P
M23 Female
EW1900127 ALPHAWIRE-EW1900127 Datasheet
176Kb / 2P
M23 Female 90 Degree
FW12EW126 ALPHAWIRE-FW12EW126 Datasheet
179Kb / 2P
M23 Male 90 Degree to M23 Female 90 Degree
FW19EW127 ALPHAWIRE-FW19EW127 Datasheet
215Kb / 3P
M23 Male 90 Degree to M23 Female 90 Degree
logo
PHOENIX CONTACT
1692831 PHOENIX-1692831 Datasheet
171Kb / 6P
SACB-8/ 8-M23
1692844 PHOENIX-1692844 Datasheet
178Kb / 6P
SACB-8/16-M23
1629204 PHOENIX-1629204 Datasheet
377Kb / 8P
Cable connector - M23-17S1N8A80DU
02/04/2022
1629192 PHOENIX-1629192 Datasheet
537Kb / 16P
M23-1RP1N8A80DU - Cable connector
1035117 PHOENIX-1035117 Datasheet
230Kb / 5P
M23-Z0001 - Screw
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com