Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCV01 Datasheet (PDF) - Texas Instruments

DCV01 Datasheet PDF - Texas Instruments
Part # DCV01
Download  DCV01 Download
File Size   1390.09 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DCV01 Series, 1-W, 1500-VRMS Isolated, Unregulated DC/DC Converter Modules

DCV01 Datasheet (PDF)

Go To PDF Page Download Datasheet
DCV01 Datasheet PDF - Texas Instruments

Part # DCV01
Download  DCV01 Click to download

File Size   1390.09 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DCV01 Series, 1-W, 1500-VRMS Isolated, Unregulated DC/DC Converter Modules

DCV01 Datasheet (HTML) - Texas Instruments


DCV01 Product details

1 Features
• 1.5-kV Isolation (operational): 1-second test
• Continuous voltage applied across isolation
barrier: 60 VDC / 42.5 VAC
• UL1950 recognized component
• EN55022 class B EMC performance
• 7-Pin PDIP and 7-pin SOP packages
• Input voltage: 5 V, 15 V, or 24 V
• Output voltage: ±5 V, ±12 V, or ±15 V
• Device-to-device synchronization
• Thermal protection
• Short-circuit protected
• High efficiency

2 Applications
• Signal path isolation
• Ground loop elimination
• Data acquisition
• Industrial control and instrumentation
• Test equipment

3 Description
The DCV01 series is a family of 1-W, 1500-Vrms
isolated, unregulated DC/DC converter modules.
Requiring a minimum of external components and
including on-chip device protection, the DCV01 series
of devices provide extra features such as output
disable and synchronization of switching frequencies.
This combination of features and small size makes
the DCV01 series of devices suitable for a wide
range of applications, and is an easy-to-use solution
in applications requiring signal path isolation.




Similar Part No. - DCV01

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCV01 BURR-BROWN-DCV01 Datasheet
122Kb / 8P
Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV01050 BURR-BROWN-DCV01050 Datasheet
122Kb / 8P
Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010505 BURR-BROWN-DCV010505 Datasheet
151Kb / 11P
Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCV010505 TI1-DCV010505 Datasheet
408Kb / 19P
Miniature, 1-W, 1500-Vrms Isolated Unregulated DC-DC Converters
logo
Burr-Brown (TI)
DCV010505D BURR-BROWN-DCV010505D Datasheet
151Kb / 11P
Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
More results


Similar Description - DCV01

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MUS-0505 POWER-SYSTEMS-MUS-0505 Datasheet
234Kb / 5P
DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
logo
Microdc power Technolog...
F-XMD-1W MICRODC-F-XMD-1W Datasheet
1,020Kb / 2P
3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
F0303XMD-1W MICRODC-F0303XMD-1W Datasheet
680Kb / 2P
3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
logo
Texas Instruments
DCV010505 TI1-DCV010505 Datasheet
408Kb / 19P
Miniature, 1-W, 1500-Vrms Isolated Unregulated DC-DC Converters
DCP010505B TI1-DCP010505B_15 Datasheet
1Mb / 30P
Unregulated DC/DC Converter Modules
DCP020503 TI1-DCP020503_16 Datasheet
1Mb / 28P
DCP02x 2-W, Isolated, Unregulated DC/DC Converter Modules
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
1-W, Isolated, Unregulated DC/DC Converter Modules
DCR010503 TI1-DCR010503 Datasheet
778Kb / 28P
1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
Series 1-W, Isolated, Unregulated DC/DC Converter Modules
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com